Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2301 Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # SI2301
Description  High dense cell design for extremely low RDS(ON)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

SI2301 Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  SI2301 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED SI2301 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED SI2301 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Total Gate Charge
Qg
VDS = -6V, ID = -2.8A, VGS =
-4.5V
11
14.5
nC
Gate-Source Charge
Qgs
1.5
nC
Gate-Drain Charge
Qgd
2.1
nC
Drain-Source Diode Characteristics and Maximun Ratings
Drain-Source Diode Forward Current 3
IS
-0.75
A
Drain-Source Diode Forward Voltage 4
VSD
VGS = 0V, IS = -0.75A
-1.2
V
1.Repetitive Rating : Pulse width limited by maximum junction temperatu. 2.Surface Mounted on FR4 Board,t<5 sec.
3.Pulse Test : Pulse Width < 300µs, Duty Cycle < 2%.
4.Guaranteed by design, not subject to production testing.
Plastic-Encapsulate Mosfets
-VDS, Drain-to-Source Voltage (V)
Figure 1. Output Characteristics
-VGS, Gate-to-Source Voltage (V)
Figure 2. Transfer Characteristics
10
8
6
4
2
0
01
45
3
2
-V
GS=2.5V
-V
GS=2.0V
-V
GS=1.5V
-V
GS=4.5,4,3,V
10
8
6
4
2
0
0.0
1.0
2.0
3.0
0.5
1.5
T
J=125 C
-55 C
2.5
25 C
Ciss
Coss
Crss
1200
1000
800
600
400
200
0
02
4
6
8
10
-VDS, Drain-to-Source Voltage (V)
Figure 3. Capacitance
TJ, Junction Temperature( C)
Figure 4. On-Resistance Variation
with Temperature
2.2
1.9
1.6
1.3
1.0
0.7
0.4
V
GS=-4.5V
I
D=-2.8A
-100
-50
0
50
100
150
200
Page:P3 -P2
MAKO SEMICONDUCTOR CO.,LIMITED
Typical
Characteristics
SI2301
http://www.makosemi.hk/



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com