Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9701-F4 Datasheet(PDF) 3 Page - NEC

Part # PS9701-F4
Description  HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9701-F4 Datasheet(HTML) 3 Page - NEC

  PS9701-F4 Datasheet HTML 1Page - NEC PS9701-F4 Datasheet HTML 2Page - NEC PS9701-F4 Datasheet HTML 3Page - NEC PS9701-F4 Datasheet HTML 4Page - NEC PS9701-F4 Datasheet HTML 5Page - NEC PS9701-F4 Datasheet HTML 6Page - NEC PS9701-F4 Datasheet HTML 7Page - NEC PS9701-F4 Datasheet HTML 8Page - NEC PS9701-F4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet P11437EJ4V0DS00
3
PS9701
ORDERING INFORMATION
Part Number
Package
Packing Style
Safety Standards
Approval
Application Part
Number
*1
PS9701
5-pin SOP
Magazine case 100 pcs
UL approved
PS9701
PS9701-E3
Embossed Tape 900 pcs/reel
PS9701-E4
PS9701-F3
Embossed Tape 3 500 pcs/reel
PS9701-F4
PS9701-V
Magazine case 100 pcs
VDE0884 approved
PS9701-V-E3
Embossed Tape 900 pcs/reel
PS9701-V-E4
PS9701-V-F3
Embossed Tape 3 500 pcs/reel
PS9701-V-F4
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
30
mA
Reverse Voltage
VR
5V
Detector
Supply Voltage
VCC
7V
Output Voltage
VO
7V
Output Current
IO
50
mA
Power Dissipation
PC
85
mW
Isolation Voltage
*1
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–55 to +125
°C
*1 AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input and output
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Low Level Input Current
IFL
0
250
µA
High Level Input Current
IFH
57.5
15
mA
Supply Voltage
VCC
4.5
5.0
5.5
V
Operating Ambient Temperature
TA
025
70
°C
Remark By-pass capacitor of more than 0.1
µF is used between VCC and GND near the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com