Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7600 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP7600
Description  Evaluation Board Masual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7600 Datasheet(HTML) 2 Page - Exar Corporation

  SP7600 Datasheet HTML 1Page - Exar Corporation SP7600 Datasheet HTML 2Page - Exar Corporation SP7600 Datasheet HTML 3Page - Exar Corporation SP7600 Datasheet HTML 4Page - Exar Corporation SP7600 Datasheet HTML 5Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
12/17/07
SP7600 Evaluation Board Manual
© 2007 Exar Corporation
Page 2 of 5
_______________________________________________ USING THE EVALUATION BOARD
1) Powering Up the SP7600 Circuit
The SP7600 Evaluation Board can be powered from a 4.5V to 29V power supply. Connect the power
supply with short leads directly to the “Vin” and “GND” posts.
2) Setting the output current
Externally connected LEDs need to be connected anode to the VOUT pin and cathode to the Vfb pin. As
many as 6 series connected LEDs may be used, depending on the input voltage range available. The
maximum output current is 3A but the user should take care not to exceed the maximum junction
temperature, 125°C. Up to 2A maximum is possible in almost all conditions. The board also has SMT
pads available for LEDs to be mounted in the LED1 position for a Luxeon K2 LED, and LED2, LED3 and
LED4 positions for Luxeon Rebel LEDs. The total output current of the SP7600 is controlled by the VFB
pin voltage setpoint of 200mV. Use a resistor at RA to set the output current by the formula:
Iout = Vfb/RA
where RA is the parallel combination of Ra and any of the resistors Rb, Rc or Rd.
If Ra, Rb, Rc and Rd are used then RA = 1/(1/Ra + 1/Rb + 1/Rc + 1/Rd)
Standard SP7600EB Evaluation Board Example:
Iout = Vfb/RA = 200mV/0.22ohm = 1A
3) Dimming
The SP7600 can be pulse width modulated using a signal applied to the DIM post. The DIM signal
connects to the VFB pin through a 1N4148 diode and will shutdown the SP7600 when DIM = H and turn-
on the SP7600 when DIM = L. The DIM signal needs to be greater than 600mV minimum to turn-off the
SP7600 and less than 200mV to fully turn-on the SP7600. It is recommended to use a signal with DIM =
1V or more for OFF and 0V for ON. The user should note that the logic is reversed relative to many
other PWM controlled LED drivers. In other words a logic level high at 20% duty cycle will result in
approximately an 80% duty cycle for the LED. Recommended modulation frequencies are from 100Hz to
200Hz with 10 – 90% duty cycle, 500Hz with 10 – 80% duty cycle, and 1000Hz with 10 – 70% duty cycle.
Figures 2 & 3 show the output response at the maximum PWM DIM signal of 1000Hz. See figure 4 for
100Hz to 1000Hz duty cycle response for two Luxeon K2 LEDs in parallel at 2A total current.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com