Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPV1001N Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPV1001N
Description  Cool bypass switch for photovoltaic applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1001N Datasheet(HTML) 5 Page - STMicroelectronics

  SPV1001N Datasheet HTML 1Page - STMicroelectronics SPV1001N Datasheet HTML 2Page - STMicroelectronics SPV1001N Datasheet HTML 3Page - STMicroelectronics SPV1001N Datasheet HTML 4Page - STMicroelectronics SPV1001N Datasheet HTML 5Page - STMicroelectronics SPV1001N Datasheet HTML 6Page - STMicroelectronics SPV1001N Datasheet HTML 7Page - STMicroelectronics SPV1001N Datasheet HTML 8Page - STMicroelectronics SPV1001N Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SPV1001N
Device description
Doc ID 018938 Rev 2
5/9
Figure 1.
Average forward power dissipation
vs average forward current @ 25°C
of ambient temperature
Figure 2.
Average forward power dissipation
vs average forward current @ 75°C
of ambient temperature
Figure 3.
Reverse current
Figure 4.
Thermal resistance junction-to-
ambient vs copper surface under
tab (1)
1.
Epoxy printed board FR4, Cu = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com