Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPV1001N40 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SPV1001N40
Description  Cool bypass switch for photovoltaic applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1001N40 Datasheet(HTML) 3 Page - STMicroelectronics

  SPV1001N40 Datasheet HTML 1Page - STMicroelectronics SPV1001N40 Datasheet HTML 2Page - STMicroelectronics SPV1001N40 Datasheet HTML 3Page - STMicroelectronics SPV1001N40 Datasheet HTML 4Page - STMicroelectronics SPV1001N40 Datasheet HTML 5Page - STMicroelectronics SPV1001N40 Datasheet HTML 6Page - STMicroelectronics SPV1001N40 Datasheet HTML 7Page - STMicroelectronics SPV1001N40 Datasheet HTML 8Page - STMicroelectronics SPV1001N40 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SPV1001N
Electrical characteristics
Doc ID 018938 Rev 2
3/9
2
Electrical characteristics
Note:
For correct power dissipation and heatsink sizing, please refer to Figure 1, 2 e 4
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
SPV1001 N30
SPV1001 N40
Unit
Min. Typ. Max. Min. Typ. Max.
VF,AVG
AVG forward voltage drop
IF = 10A
TJ = 25°C
-
120
-
-
140
-
mV
IF = 5A
TJ = 25°C
-70
-
-85
-
mV
TJ = 125°C
-
240
-
-
280
-
mV
IR
Reverse leakage current
VR = 30V
TJ = 25°C
-
1
-
-
1
-
µA
TJ = 125°C
-
10
-
-
10
-
µA
D
TON/T ratio
IF = 5A
TJ = 25°C
-
95%
-
-
95%
-
-
TJ = 125°C
-
75%
-
-
75%
-
-
VF
Forward voltage drop
IF = 5A, TOFF
TJ = 25°C
-
850
-
-
850
-
mV
TJ = 125°C
-
600
-
-
600
-
mV
IF = 5A, TON
TJ = 25°C
-35
-
-40
-
mV
TJ = 125°C
-
135
-
-
160
-
mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com