Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3103FN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TCS3103FN
Description  The technical content of this TAOS datasheet is still valid.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCS3103FN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TCS3103FN Datasheet HTML 1Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 2Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 3Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 4Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 5Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 6Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 7Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 8Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TCS3103, TCS3104
LIGHT-TO-VOLTAGE COLOR SENSOR
TAOS108B − JULY 2010
2
r
r
Copyright
E 2010, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Detailed Description
The TCS3103 and TCS3104 devices output a voltage that is linearly proportional to light intensity in the spectral
range of interest on each of the three sensor channels. Figure 2 shows how each sensor responds to light of
various wavelengths. The peak response of each of the three channels roughly corresponds to blue, green, and
red portions of the visible light spectrum. Thus, when light impinges upon the three elements, each element
gives an output that corresponds to the blue, green, and red components of the light. By measuring the
amplitude and ratios of the three channels, information about the color of the light can be obtained.
Each channel responds linearly to light intensity from a range of near zero light to a maximum value that is
determined by the gain and the supply voltage of the device. The output of the device can swing from near
ground level to near the supply voltage of the device. The dark voltage, or output of the device with no light input,
is determined by internal amplifier offsets and is factory-trimmed to be a minimum value. If very accurate,
low-level light measurement is required, the dark voltage value for each channel can be measured and
subtracted from subsequent light readings to obtain a more accurate light measurement.
The Multifunction Pin (MFP) on each device can be used for selecting gain mode (Table 1).
Table 1. Device Programming Option
Device
Mode
Details
TCS3103
GSM (Gain Select Mode)
2
× (MFP = 0) or 4× (MFP = 1)
TCS3104
GSM (Gain Select Mode)
4
× (MFP = 0) or 1× (MFP = 1)
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
GND
2
Power
Power supply ground. All voltages are referenced to GND.
MFP
3
I
Multi-function logic input.
VDD
1
Power
Supply voltage.
VOB
4
O
Blue channel voltage output.
VOG
5
O
Green channel voltage output.
VOR
6
O
Red channel voltage output.
Available Options
DEVICE
Gain
PACKAGE − LEADS
PACKAGE DESIGNATOR
ORDERING NUMBER
TCS3103
2
×, 4×
Dual Flat No-Lead − 6
FN
TCS3103FN
TCS3104
4
×, 1×
Dual Flat No-Lead − 6
FN
TCS3104FN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com