Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSC945 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSC945
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSC945 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSC945 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSC945 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSC945 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HSC945 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6517
Issued Date : 1995.02.11
Revised Date : 2002.12.16
Page No. : 1/4
HSC945
HSMC Product Specification
HSC945
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HSC945 is designed for using driver stage of AP amplifier and
low speed switching applications.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -50 ~ +150
°C
Junction Temperature ...................................................................................... 150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................ 250 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ......................................................................................... 60 V
VCEO Collector to Emitter Voltage ...................................................................................... 50 V
VEBO Emitter to Base Voltage .............................................................................................. 5 V
IC Collector Current........................................................................................................ 100 mA
IB Base Current ................................................................................................................ 50 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=100uA, IE=0
BVCEO
50
-
-
V
IC=1mA. IB=0
BVEBO
5
-
-
V
IE=10uA. IC=0
ICBO
-
-
100
nA
VCB=60V, IE=0
IEBO
-
-
100
nA
VEB=5V, IB=0
*VCE(sat)
-
0.1
0.3
V
IC=100mA, IB=10mA
*hFE1
50
-
-
VCE=6V, IC=0.1mA
*hFE2
135
-
600
VCE=6V, IC=1mA
fT
150
-
600
MHz
VCE=6V, IC=10mA, f=100MHz
Cob
-
-
4
pF
VCB=10V, f=1MHz, IE=0
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Classification of hFE2
Rank
Q
P
K
Range
135-270
200-400
300-600
TO-92


Similar Part No. - HSC945

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSC945SP HSMC-HSC945SP Datasheet
30Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HSC945

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com