Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL8N65M5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STL8N65M5
Description  N-channel 650 V, 0.56, 7 A MDmesh V Power MOSFET in PowerFLAT 5x5
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8N65M5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STL8N65M5 Datasheet HTML 5Page - STMicroelectronics STL8N65M5 Datasheet HTML 6Page - STMicroelectronics STL8N65M5 Datasheet HTML 7Page - STMicroelectronics STL8N65M5 Datasheet HTML 8Page - STMicroelectronics STL8N65M5 Datasheet HTML 9Page - STMicroelectronics STL8N65M5 Datasheet HTML 10Page - STMicroelectronics STL8N65M5 Datasheet HTML 11Page - STMicroelectronics STL8N65M5 Datasheet HTML 12Page - STMicroelectronics STL8N65M5 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
STL8N65M5
10/13
Doc ID 019013 Rev 3
Figure 20.
PowerFLAT™ 5x5 mechanical drawing
Table 8.
PowerFLAT™ 5x5 mechanical dimensions
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.0
A1
0
0.02
0.05
A3
0.24
D
4.90
5.0
5.10
E
4.90
5.0
5.10
E2
2.49
2.57
2.64
e
1.22
1.27
1.32
b
0.43
0.51
0.58
c
0.64
0.71
0.79
7267096_Rev_F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com