Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL10N3LLH5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STL10N3LLH5
Description  N-channel 30 V, 0.015, 9 A, PowerFLAT 3.3x3.3 STripFET V Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL10N3LLH5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STL10N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 9Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 10Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 11Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 12Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 13Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package mechanical data
STL10N3LLH5
10/14
Doc ID 022093 Rev 1
Table 9.
PowerFLAT™ 3.3 x 3.3 mechanical data
Dim.
mm
Min.
Typ.
Max.
A0.800.901.00
A1
0
0.05
A3
0.20
b
0.23
0.38
D
3.20
3.30
3.40
D2
2.50
2.75
E
3.20
3.30
3.40
E2
1.25
1.50
e0.65
L
0.30
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com