Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF50040 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBRF50040
Description  Silicon Power Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBRF50040 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBRF50040 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBRF50040 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBRF50040 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 20 V - 40 V
IF(AV) = 500 A
Features
• High Surge Capability
TO-244AB Package
• Types from 20 V to 40 V VR
• Not ESD Sensitive
Parameter
Symbol
MBRF50020(R) MBRF50030(R)
Unit
Repetitive peak reverse
voltage
VRRM
20
30
V
RMS reverse voltage
VRMS
14
21
V
Silicon Power
Schottky Diode
Conditions
40
28
MBRF50020 thru MBRF50040R
MBRF50040(R)
35
25
MBRF50035(R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
DC blocking voltage
VDC
20
30
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MBRF50020(R) MBRF50030(R)
Unit
Average forward current
(per pkg)
IF(AV)
500
500
A
Maximum forward voltage
(per leg)
0.75
0.75
11
10
10
50
50
Thermal characteristics
Thermal resistance, junction-
case (per leg)
R
ΘJC
0.30
0.30
°C/W
mA
V
-55 to 150
40
35
0.30
Tj = 150 °C
TC = 125 °C
500
Tj = 25 °C
IFM = 250 A, Tj = 25 °C
Conditions
-55 to 150
-55 to 150
0.75
0.75
50
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Reverse current at rated DC
blocking voltage (per leg)
IR
VF
-55 to 150
MBRF50040(R)
11
0.30
50
MBRF50035(R)
Peak forward surge current
(per leg)
IFSM
tp = 8.3 ms, half sine
3500
3500
A
Tj = 100 °C
10
10
500
3500
3500
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBRF50040

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBRF50040 TEL-MBRF50040 Datasheet
123Kb / 2P
SCHOTTKY DIODES MODULE TYPE 500A
MBRF50040R TEL-MBRF50040R Datasheet
123Kb / 2P
SCHOTTKY DIODES MODULE TYPE 500A
logo
GeneSiC Semiconductor, ...
MBRF50040R GENESIC-MBRF50040R Datasheet
467Kb / 3P
High Surge Capability
More results

Similar Description - MBRF50040

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST6340M GENESIC-FST6340M Datasheet
553Kb / 3P
Silicon Power Schottky Diode
FST7345M GENESIC-FST7345M Datasheet
490Kb / 3P
Silicon Power Schottky Diode
FST8320SM GENESIC-FST8320SM Datasheet
679Kb / 3P
Silicon Power Schottky Diode
FST10045 GENESIC-FST10045 Datasheet
370Kb / 3P
Silicon Power Schottky Diode
FST120150 GENESIC-FST120150 Datasheet
362Kb / 3P
Silicon Power Schottky Diode
FST160150 GENESIC-FST160150 Datasheet
363Kb / 3P
Silicon Power Schottky Diode
MBR120150CT GENESIC-MBR120150CT Datasheet
508Kb / 3P
Silicon Power Schottky Diode
MBRF30045 GENESIC-MBRF30045 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
MBRF40020 GENESIC-MBRF40020 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
SD41 GENESIC-SD41 Datasheet
718Kb / 3P
Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com