Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM2A-C Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # TM2A-C
Description  Tie Mounts - Applied with User Supplied Adhesives
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TM2A-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  TM2A-C Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
1.22
(31.2)
1.22
(31.2)
1.25
(3.2)
Low Profile Tie Mounts – User Supplied Adhesive Mounts
• Low profile design keeps bundle close to mounting surface
• For indoor use only
• Material: Nylon 6.6
‡Cable tie cross section sizes: M = Miniature, I = Intermediate, and S = Standard.
Part Number
Used with
Cable Ties‡
Color
Mounting
Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
AM2-C
M, I, S
Natural
User Supplied
Adhesive
100
500
Tie Mounts – Applied with User Supplied Adhesives
• Solid flat bottom surface provides maximum holding area
• For indoor use only
• Material: Nylon 6.6
‡Cable tie cross section sizes: M = Miniature, I = Intermediate, S = Standard, HS = Heavy Standard and
LH = Light-Heavy.
Part Number
Used with
Cable Ties‡
Color
Mounting
Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
TM1A-C
M
Natural
User Suppled
Adhesive
100
1000
TM2A-C
M, I, S
100
500
TM3A-C
M, I, S, HS, LH
100
500


Similar Part No. - TM2A-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
TM2A PANDUIT-TM2A Datasheet
142Kb / 8P
Adhesive Mounts
logo
Schneider Electric
TM2AMI2LT SCHNEIDER-TM2AMI2LT Datasheet
123Kb / 5P
analog input module M238 - 2 inputs thermocouple low level - differential
Aug 10, 2019
logo
List of Unclassifed Man...
TM2AMM6HT ETC2-TM2AMM6HT Datasheet
68Kb / 2P
analog input/output module M238 - 4 inputs
More results

Similar Description - TM2A-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
SG100M-C PANDUIT-SG100M-C Datasheet
291Kb / 4P
SUPER-GRIP??Cable Ties & Cable Tie Mounts
logo
Tyco Electronics
S1125-KIT-5 MACOM-S1125-KIT-5 Datasheet
96Kb / 8P
Adhesives
logo
Kingbright Corporation
L-1034GD KINGBRIGHT-L-1034GD Datasheet
234Kb / 4P
MOUNTS FLUSH WITH PANEL
logo
3M Electronics
DP-820 3M-DP-820 Datasheet
32Kb / 8P
Acrylic Adhesives
using
logo
PANDUIT CORP.
ABM1M-A-C PANDUIT-ABM1M-A-C Datasheet
191Kb / 1P
Tak-Ty Hook Loop Cable Tie Mounts
SGTA1S8-C PANDUIT-SGTA1S8-C Datasheet
108Kb / 1P
4-Way Tie Anchor Mounts-Screw Applied
KIMS-H430-C6 PANDUIT-KIMS-H430-C6 Datasheet
81Kb / 2P
Easy Selection Guide For Adhesive Backed Cable Tie Mounts
logo
3M Electronics
DP100 3M-DP100 Datasheet
539Kb / 8P
Epoxy Adhesives
using
logo
List of Unclassifed Man...
TDS ETC-TDS Datasheet
1Mb / 6P
SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
Adhesives Selection Guide
2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com