Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRT12045 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBRT12045
Description  Silicon Power Schottky Diod
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBRT12045 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBRT12045 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBRT12045 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBRT12045 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 45 V - 100 V
IF(AV) = 120 A
Features
• High Surge Capability
Three Tower Package
• Isolation Type Package
• Electrically Isolated Base Plate
• Not ESD Sensitive
Parameter
Symbol
MBRT12045(R) MBRT12060(R)
Unit
Repetitive peak reverse voltage
VRRM
45
60
V
RMS reverse voltage
VRMS
32
42
V
DC blocking voltage
VDC
45
60
V
Silicon Power
Schottky Diode
MBRT12045 thru MBRT120100R
MBRT120100(R)
80
56
MBRT12080(R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
• Types from 45 V to 100 V VRRM
Conditions
100
70
100
80
DC blocking voltage
VDC
45
60
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MBRT12045(R) MBRT12060(R)
Unit
Average forward current (per
pkg)
IF(AV)
120
120
A
Maximum instantaneous
forward voltage (per leg)
0.70
0.75
11
10
10
30
30
Thermal characteristics
Thermal resistance, junction-
case (per leg)
R
ΘJC
0.80
0.80
°C/W
A
Tj = 100 °C
10
10
Maximum instantaneous
reverse current at rated DC
blocking voltage (per leg)
IR
VF
Peak forward surge current
(per leg)
IFSM
tp = 8.3 ms, half sine
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
mA
V
Tj = 25 °C
IFM = 60 A, Tj = 25 °C
Conditions
-55 to 150
TC = 125 °C
MBRT12080(R)
0.80
Tj = 150 °C
0.80
0.84
0.84
30
30
120
120
800
800
800
800
-55 to 150
-55 to 150
100
80
-55 to 150
MBRT120100(R)
11
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBRT12045

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
MBRT12045 AMERICASEMI-MBRT12045 Datasheet
583Kb / 2P
HIGH POWER-SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBRT12045 GENESIC-MBRT12045 Datasheet
793Kb / 3P
Silicon Power Schottky Diode
logo
America Semiconductor, ...
MBRT12045R AMERICASEMI-MBRT12045R Datasheet
583Kb / 2P
HIGH POWER-SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBRT12045R GENESIC-MBRT12045R Datasheet
793Kb / 3P
Silicon Power Schottky Diode
MBRT12045 GENESIC-MBRT12045_V01 Datasheet
793Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - MBRT12045

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1_04 Datasheet
40Kb / 4P
Switching Diod
April, 2004 ??Rev. 4
logo
SEMPO ELECTRONIC Limite...
SMDT-650H SEMPO-SMDT-650H Datasheet
289Kb / 1P
Diod-Thyristor Module
logo
Shindengen Electric Mfg...
S2V80 SHINDENGEN-S2V80 Datasheet
137Kb / 4P
Rectifier Diod
logo
Solid States Devices, I...
RS0219 SSDI-RS0219 Datasheet
173Kb / 2P
DIOD ASSEMBLY
logo
Rohm
DA221MFH ROHM-DA221MFH Datasheet
2Mb / 9P
Switching Diod
SCS212AGHR ROHM-SCS212AGHR_17 Datasheet
917Kb / 6P
SiC Schottky Barrier Diod
logo
Kyocera Kinseki Corpota...
EC30HA04 KSS-EC30HA04 Datasheet
719Kb / 7P
Schottky Barrier Diod
logo
Shanghai Yint Electroni...
ESD0201D5V0C018 YINT-ESD0201D5V0C018 Datasheet
606Kb / 7P
ESD Protection Diod
logo
TECH PUBLIC Electronics...
TPESD4114-563 TECHPUBLIC-TPESD4114-563 Datasheet
1Mb / 4P
Low Capacitance TVS Diod
logo
SHIKUES Electronics
BAT60B SKTECHNOLGY-BAT60B Datasheet
816Kb / 4P
High current rectifier Schottky diod
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com