Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL3812 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GL3812
Description  AUDIO/VIDEO SWITCH FOR TV, VCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL3812 Datasheet(HTML) 1 Page - Hynix Semiconductor

  GL3812 Datasheet HTML 1Page - Hynix Semiconductor GL3812 Datasheet HTML 2Page - Hynix Semiconductor GL3812 Datasheet HTML 3Page - Hynix Semiconductor GL3812 Datasheet HTML 4Page - Hynix Semiconductor GL3812 Datasheet HTML 5Page - Hynix Semiconductor GL3812 Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GL3812
1
GL3812
AUDIO/VIDEO
SWITCH FOR TV, VCR
Functions
Pin Configuration
• Audio Signal Switching
• Video Signal Switching
• Input Signal Selecting Logic
Features
• Possible to Switch 4 Channel Video Signals
• Possible to Switch 4 Channel L & R Audio Signals
Absolute Maximum Ratings (
C
T
A
°
= 25 )
1
CC
V
Supply Voltage
2
CC
V
15V
Power Dissipation
D
P
310mW
Operating Temperature
OPR
T
-20 to
C
°
70
+
Storage Temperature
STG
T
-55 to
C
°
125
+
Mode Selection Logic/Output Signal
C1
C0
PIN14
PIN15
PIN16
PIN17
PIN18
L
L
L
L
VIDEO(TV)
AUDIO RCH(TV)
AUDIO LCH(TV)
L
H
L
H
VIDEO ( 1
V
)
AUDIO RCH( 1
V
)
AUDIO LCH( 1
V
)
H
L
L
H
VIDEO ( 2
V
)
AUDIO RCH( 2
V
)
AUDIO LCH( 2
V
)
H
H
H
H
VIDEO( 3
V
)
AUDIO RCH( 3
V
)
AUDIO LCH( 3
V
)
AUDIO-IN LCH(V1)
AUDIO-IN, LCH(V2)
AUDIO-IN, LCH(V3)
AUDIO-IN, RCH(V1)
AUDIO-IN, RCH(V2)
AUDIO-OUT LCH
VIDEO-IN(TV)
VCC2
AUDIO-IN, RCH(TV)
AUDIO-IN, LCH(TV)
AUDIO-IN, RCH(V3)
VIDEO-IN(V1)
MODE-IN(C1)
MODE-OUT, V3/HIGH
VIDEO-OUT
VCC
VIDEO-IN(V2)
GND
MODE-IN(C0)
AUDIO-OUT RCH
MODE-OUT TV/LOW
VIDEO-IN(V3)
1
2
3
4
5
6
7
10
9
8
11
22
21
20
19
18
17
16
13
14
15
12
GL3812


Similar Part No. - GL3812

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL381 SHARP-GL381 Datasheet
32Kb / 3P
High Output, f 3mm ResinMold Type Infrared Emitting Diode
More results

Similar Description - GL3812

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7150 SANYO-LA7150 Datasheet
175Kb / 4P
Audio/Video Switch for PAL System VCR
LA7151 SANYO-LA7151 Datasheet
102Kb / 6P
Audio/Video Switch for VCR Video Camera Use
LA7951 SANYO-LA7951 Datasheet
93Kb / 4P
Video Switch for TV/VCR Use
LA7952 SANYO-LA7952 Datasheet
77Kb / 4P
Video Switch for TV/VCR Use
LA7954 SANYO-LA7954 Datasheet
72Kb / 4P
Video Switch for TV/VCR Use
LA7955 SANYO-LA7955 Datasheet
147Kb / 6P
Video Switch for TV/VCR Use
LA7956 SANYO-LA7956 Datasheet
86Kb / 4P
Video Switch for TV/VCR Use
LA7957 SANYO-LA7957 Datasheet
102Kb / 5P
Video Switch for TV/VCR Use
LA7223 SANYO-LA7223 Datasheet
262Kb / 6P
AUDIO / VIDEO SWITCH FOR PAL VCR USE
LA7958 SANYO-LA7958 Datasheet
299Kb / 7P
For TV, VTR Audio/Video Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com