Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTN32P60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTN32P60P
Description  PolarP Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTN32P60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTN32P60P Datasheet HTML 1Page - IXYS Corporation IXTN32P60P Datasheet HTML 2Page - IXYS Corporation IXTN32P60P Datasheet HTML 3Page - IXYS Corporation IXTN32P60P Datasheet HTML 4Page - IXYS Corporation IXTN32P60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
- 600
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
- 600
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
- 32
A
I
DM
T
C = 25°C, pulse width limited by TJM
- 90
A
I
AR
T
C = 25°C
- 32
A
E
AR
T
C = 25°C
3.5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
890
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
V
ISOL
50/60 Hz, RMS
t = 1 minute
2500
V~
I
ISOL ≤ 1mA
t = 1 second
3000
V~
M
d
Mounting torque
1.5/13
Nm/lb.in.
Terminal Connection torque
1.3/11.5
Nm/lb.in.
Weight
30
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250μA
- 600
V
V
GS(th)
V
DS = VGS, ID = - 250μA
- 2.5
- 4.5
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS
- 50
μA
V
GS = 0V
T
J = 125°C
- 250
μA
R
DS(on)
V
GS = -10V, ID = 0.5 • ID25, Note 1
350 m
Ω
PolarPTM
Power MOSFET
P-Channel Enhancement Mode
Avalanche Rated
IXTN32P60P
V
DSS
= - 600V
I
D25
= - 32A
R
DS(on) ≤
≤≤≤≤
350m
Ω
Ω
Ω
Ω
Ω
Features
International standard package
Rugged PolarPTM process
Avalanche Rated
Low package inductance
Applications
Hight side switching
Push-pull amplifiers
DC Choppers
Automatic test equipment
Either source terminal at miniBLOC can
be used as Main or Kelvin Source.
miniBLOC, SOT-227 (IXTN)
E153432
G
D
S
S
G = Gate
D = Drain
S = Source
DS99991(05/08)
Preliminary Technical Information


Similar Part No. - IXTN32P60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN320N10T IXYS-IXTN320N10T Datasheet
168Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
More results

Similar Description - IXTN32P60P

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
IXYS Corporation
IXTX170P10P IXYS-IXTX170P10P Datasheet
133Kb / 5P
PolarP Power MOSFETs
IXTN40P50P IXYS-IXTN40P50P Datasheet
125Kb / 5P
PolarP Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com