Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W232 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W232
Description  Ten Output Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W232 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W232 Datasheet HTML 1Page - Cypress Semiconductor W232 Datasheet HTML 2Page - Cypress Semiconductor W232 Datasheet HTML 3Page - Cypress Semiconductor W232 Datasheet HTML 4Page - Cypress Semiconductor W232 Datasheet HTML 5Page - Cypress Semiconductor W232 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
W232
Document #: 38-07167 Rev. *E
Page 2 of 6
Overview
The W232 is a PLL-based clock driver designed for use in systems requiring a large number of synchronous timing signals. The clock
driver has output frequencies of up to 140 MHz and output-to-output skews of less than 100 ps. The W232 provides minimum
cycle-to-cycle and long-term jitter, which is of significant importance to meet the tight input-to-input skew budget in DIMM applications.
The W232 was specifically designed to accept SSFTG signals currently being used in motherboard designs to reduce EMI. Zero delay
buffers which are not designed to pass this feature through may cause skewing failures.
Output enable pins allow shutdown of output when they are not being used. This reduces EMI and power consumption.
Pin Definitions
Pin Name
Pin No.
(-09)
Pin No.
(-10)
Pin Type
Pin Description
CLK
24
24
I
Reference Input: Output signals Q0:9 are synchronized to this signal.
FBIN
13
13
I
Feedback Input: This input must be fed by one of the outputs (typically FBOUT)
to ensure proper functionality. If the trace between FBIN and FBOUT is equal
in length to the traces between the outputs and the signal destinations, then the
signals received at the destinations are synchronized to the CLK signal input.
Q0:8
3, 4, 5, 8, 9,
16, 17, 20, 21
3, 4, 5, 8, 9, 15,
16, 17, 20, 21
O
Outputs: The frequency and phase of the signals provided by these pins are
equal to the reference signal if properly laid out.
FBOUT
12
12
O
Feedback Output: Typically this is connected directly to the FBIN input with a
trace equal in length to the traces between outputs Q0:9 and the destination
points of these output signals.
AVDD
23
23
P
Analog Power Connection: Connect to 3.3V. Use ferrite beads to help reduce
noise for optimal jitter performance.
AGND
1
1
G
Analog Ground Connection: Connect to common system ground plane.
VDD
2, 10, 15, 22
2, 10, 14 22
P
Power Connections: Connect to 3.3V. Use ferrite beads to help reduce noise
for optimal jitter performance.
GND
6, 7, 18, 19
6, 7, 18, 19
G
Ground Connections: Connect to common system ground plane.
OE0:4
11
–
I
Output Enable Input: Tie to VDD (HIGH, 1) for normal operation. When brought
to GND (LOW, 0) outputs Q0:4 are disabled to a LOW state.
OE
–
11
I
Output Enable Input: Tie to VDD (HIGH, 1) for normal operation. When brought
to GND (LOW, 0) outputs Q0:9 are disabled to a LOW state.
OE5:8
14
–
I
Output Enable Input: Tie to VDD (HIGH, 1) for normal operation. When brought
to GND (LOW, 0) outputs Q5:8 are disabled to a LOW state.
[+] Feedback



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com