Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS30140 Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # GMS30140
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30140 Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button GMS30140 Datasheet HTML 31Page - Hynix Semiconductor GMS30140 Datasheet HTML 32Page - Hynix Semiconductor GMS30140 Datasheet HTML 33Page - Hynix Semiconductor GMS30140 Datasheet HTML 34Page - Hynix Semiconductor GMS30140 Datasheet HTML 35Page - Hynix Semiconductor GMS30140 Datasheet HTML 36Page - Hynix Semiconductor GMS30140 Datasheet HTML 37Page - Hynix Semiconductor GMS30140 Datasheet HTML 38Page - Hynix Semiconductor GMS30140 Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 158 page
background image
3 - 8
(10) LMIIY i
Naming :
Load Memory from Immediate and Increment Y-Register
Status :
Set
Format :
ë
Operand :
Constant 0
õ i õ 15
Function :
M(X,Y)
à i, Y à Y + 1
<Comment>
Data of four bits from operand of instruction is stored into the
RAM location addressed by the X-register and Y-register.
Then data in the Y-register is incremented by one.
(11) LXI n
Naming :
Load X-Register from Immediate
Status :
Set
Format :
ê
Operand :
X file address 0
õ n õ 3
Function :
X
à n
<Comment>
A constant is loaded in X-register. It is used to set X-register in
an index of desired RAM page. Operand of 1 bit of command
is loaded in X-register.
(12) SEM n
Naming :
Set Memory Bit
Status :
Set
Format :
ê
Operand :
Bit address 0
õ n õ 3
Function :
M(X,Y,n)
à 1
<Comment>
Depending on the selection in operand of operand, one of four
bits is set as logic 1 in the RAM memory addressed in
accordance with the data of the X-register and Y-register.
(13) REM n
Naming :
Reset Memory Bit
Status :
Set
Format :
ê
Operand :
Bit address 0
õ n õ 3
Function :
M(X,Y,n)
à 0
<Comment>
Depending on the selection in operand of operand, one of four
bits is set as logic 0 in the RAM memory addressed in
accordance with the data of the X-register and Y-register.
Chapter 3. Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com