Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS34112 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # GMS34112
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS34112 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button GMS34112 Datasheet HTML 2Page - Hynix Semiconductor GMS34112 Datasheet HTML 3Page - Hynix Semiconductor GMS34112 Datasheet HTML 4Page - Hynix Semiconductor GMS34112 Datasheet HTML 5Page - Hynix Semiconductor GMS34112 Datasheet HTML 6Page - Hynix Semiconductor GMS34112 Datasheet HTML 7Page - Hynix Semiconductor GMS34112 Datasheet HTML 8Page - Hynix Semiconductor GMS34112 Datasheet HTML 9Page - Hynix Semiconductor GMS34112 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 105 page
background image
1 - 1
CHAPTER 1. Introduction
OUTLINE OF CHARACTERISTICS
The GMS340 series are remote contol transmitter which uses CMOS technology.
This enables transmission code outputs of different configurations, multiple custom
code output, and double push key output for easy fabrication.
The GMS340 sereis are suitable for remote control of TV, VCR, FANS, Air-
conditioners, Audio Equipments, Toys and Games etc.
Characteristics
¡Ü
Program memory :
512 bytes for GMS34004/012
1024 bytes for GMS34112/120/140
¡Ü
Data memory : 32 ¡¿ 4 bits
¡Ü
43 types of instruction set
¡Ü
3 levels of subroutine nesting
¡Ü
1 bit output port for a large current (REMOUT signal)
¡Ü
Operating frequency : 300~500KHz or 2.4~4MHz for 300~500KHz operation
(Masked option)
¡Ü
Instruction cycle :
fOSC/6 (at 300~500KHz)
fOSC/48 (at 2.4~4MHz)
¡Ü
CMOS process (Single 3.0V power supply)
¡Ü
Stop mode (Through internal instruction)
¡Ü
Released stop mode by key input (Masked option)
¡Ü
Built in capacitor for ceramic oscillation circuit (Masked option)
¡Ü
Built in a watch dog timer (WDT)
¡Ü
Low operating voltage : 2.0~4.0V (at 300~500KHz)
2.2~4.0V (at 2.4~4MHz)
Series
Program memory
Data memory
I/O ports
Input ports
Output ports
Package
GMS34004
512
32 ¡¿ 4
-
4
6
D0 ~ D5
16DIP/SOP
GMS34012
¡ç
¡ç
4
¡ç
6
D0 ~ D5
20DIP/SOP
GMS34112
1024
¡ç
¡ç
¡ç
6
D0 ~ D5
¡ç
GMS34120
¡ç
¡ç
¡ç
¡ç
8
D0 ~ D7
24DIP/SOP
GMS34140
¡ç
¡ç
¡ç
¡ç
10
D0 ~ D9
¡ç
Table 1-1 GMS340 series members
Chapter 1. Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com