Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81004 Datasheet(PDF) 48 Page - Hynix Semiconductor

Part # GMS81004
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81004 Datasheet(HTML) 48 Page - Hynix Semiconductor

Back Button GMS81004 Datasheet HTML 44Page - Hynix Semiconductor GMS81004 Datasheet HTML 45Page - Hynix Semiconductor GMS81004 Datasheet HTML 46Page - Hynix Semiconductor GMS81004 Datasheet HTML 47Page - Hynix Semiconductor GMS81004 Datasheet HTML 48Page - Hynix Semiconductor GMS81004 Datasheet HTML 49Page - Hynix Semiconductor GMS81004 Datasheet HTML 50Page - Hynix Semiconductor GMS81004 Datasheet HTML 51Page - Hynix Semiconductor GMS81004 Datasheet HTML 52Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 101 page
background image
4 - 10
4.2 TIMER
4.2.1 Timer operation mode
Timer consists of 16bit binary counter Timer0(T0), 8bit binary Timer1(T1), Timer2(T2),
Timer Data Register, Timer Mode Register (TM01, TM0, TM1, TM2) and control circuit.
Timer Data Register Consists of Timer0 High-MSB Data Register(T0HMD), Timer0 High-
LSB Data Register(T0HLD), Timer0 Low-MSB Data Register(T0LMD), Timer0 Low-LSB
Data Register(T0LLD), Timer1 High Data Register(T1HD), Timer1 Low Data
Register(T1LD), Timer2 Data Register(T2DR).
Any of the PS0~PS5, PS11 and external event input EC can be selected as clock source
for T0. Any of the PS0~PS3, PS7~PS10 can be selected as clock T1. Any of the
PS5~PS12 can be selected as clock source for T2.
Timer0
- 16-bit Interval Timer
- 16-bit Event Counter
- 16-bit Input Capture
- 16-bit rectangular-wave output
Timer1
- 8-bit Interval Timer
-8-bit rectangular-wave output
Timer2
- 8-bit Interval Timer
-8-bit rectangular-wave output
- Modulo-N Mode
- Single/Modulo-N Mode
- Timer Output Initial Value Setting
- Timer0~Timer1 combination Logic Output
- One Interrupt Generating Every 2nd Counter Overflow
Chapter 4. Peripheral Hardware
*Relevant Port Mode Register (PMR1 : 00C9H) value should be assigned for event counter,
rectangular-wave output and input capture mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com