Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81C2012 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 1 Page - Hynix Semiconductor

  GMS81C2012 Datasheet HTML 1Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 2Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 3Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 4Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 5Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 6Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 7Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 8Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
Hyundai Micro Electronics
GMS81C2020/GMS81C2120
Nov. 1999 Ver 0.0
preliminary
1
GMS81C2020 / GMS81C2120
CMOS Single-Chip 8-Bit Microcontroller
with A/D Converter & VFD Driver
1. OVERVIEW
1.1 Description
The GMS81C2020 and GMS81C2120 are an advanced CMOS 8-bit microcontroller with 20K/12K bytes of ROM. These
are a powerful microcontroller which provides a highly flexible and cost effective solution to many VFD applications. These
provide the following standard features: 20K/12K bytes of ROM, 448 bytes of RAM, 8-bit timer/counter, 8-bit A/D convert-
er, 10-bit High Speed PWM Output, Programmable Buzzer Driving Port, 8-bit Basic Interval Timer, 7-bit Watch dog Timer,
8-bit, Serial Peripheral Interface, on-chip oscillator and clock circuitry. They also come with high voltage I/O pins that can
directly drive a VFD(Vacuum Fluorescent Display). In addition, the GMS81C2020 and GMS81C2120 support power sav-
ing modes to reduce power consumption.
This document is only explained for the base of GMS81C2020(GMS81C2120), the eliminated functions are same as below.
[The * Mark Devices are OTP Version]
Device name
ROM Size
RAM Size
Ports
Package
GMS81C2020
20Kbytes
448bytes
R0,R1,R2,R3,R4,R5,R6,R7
64 SDIP, 64MQFP, 64LQFP, 64TQFP
GMS81C2012
12Kbytes
448bytes
R0,R2,R3,R5,R6
64SDIP, 64MQFP, 64LQFP, 64TQFP
*GMS87C2020
20Kbytes
(EPROM)
448bytes
R0,R1,R2,R3,R4,R5,R6,R7
64SDIP, 64MQFP, 64LQFP, 64TQFP
GMS81C2120
20Kbytes
448bytes
R0,R1,R2,R3,R4,R5,R6,R7
42SDIP, 44MQFP, 40PDIP
GMS81C2112
12Kbytes
448bytes
R0,R2,R3,R5,R6
42SDIP, 44MQFP, 40PDIP
*GMS87C2120
20Kbytes
(EPROM)
448bytes
R0,R1,R2,R3,R4,R5,R6,R7
42SDIP, 44MQFP, 40PDIP


Similar Part No. - GMS81C2012

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C2012 HYNIX-GMS81C2012 Datasheet
1Mb / 107P
HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2012GMS81C2012LQ HYNIX-GMS81C2012GMS81C2012LQ Datasheet
1Mb / 107P
HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2012K HYNIX-GMS81C2012K Datasheet
1Mb / 107P
HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS81C2012

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78C14 NEC-UPD78C14 Datasheet
256Kb / 52P
8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
UPD78C17 NEC-UPD78C17 Datasheet
793Kb / 110P
8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
OKI electronic componet...
MSM65344A OKI-MSM65344A Datasheet
125Kb / 16P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65352 OKI-MSM65352 Datasheet
110Kb / 15P
8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
logo
Hynix Semiconductor
GMS81C3004 HYNIX-GMS81C3004 Datasheet
1Mb / 90P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
List of Unclassifed Man...
HMS81C2012A ETC1-HMS81C2012A Datasheet
1Mb / 107P
CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
8-bit Microcontroller with A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com