Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81C50 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # GMS81C50
Description  8-BIT SINGLE CHIP MICROCONTROLLERS
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C50 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button GMS81C50 Datasheet HTML 17Page - Hynix Semiconductor GMS81C50 Datasheet HTML 18Page - Hynix Semiconductor GMS81C50 Datasheet HTML 19Page - Hynix Semiconductor GMS81C50 Datasheet HTML 20Page - Hynix Semiconductor GMS81C50 Datasheet HTML 21Page - Hynix Semiconductor GMS81C50 Datasheet HTML 22Page - Hynix Semiconductor GMS81C50 Datasheet HTML 23Page - Hynix Semiconductor GMS81C50 Datasheet HTML 24Page - Hynix Semiconductor GMS81C50 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
GMS81C50 Series
HYUNDAI
18
7.4 REMOUT Port Ioh characteristics graph
7.5 REMOUT port Iol characteristics graph
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
01
2
3
4
VOH(V)
VDD=4V
VDD=3V
VDD=2V
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
01
23
4
VOL(V)
VDD=4V
VDD=3V
VDD=2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com