| Electronic Components Datasheet Search |
|
AT80SND2CMP3B Datasheet(PDF) 113 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80SND2CMP3B Datasheet(HTML) 113 Page - ATMEL Corporation |
|
113 / 242 page ![]() 113 4341H–MP3–10/07 AT8xC51SND2C/MP3B 16.6.4 Bulk/Interrupt IN Transactions in Ping-pong Mode Figure 16-12. Bulk/Interrupt IN transactions in Ping-pong mode An endpoint should be first enabled and configured before being able to send Bulk or Interrupt packets. The firmware should fill the FIFO bank 0 with the data to be sent and set the TXRDY bit in the UEPSTAX register to allow the USB controller to send the data stored in FIFO at the next IN request concerning the endpoint. The FIFO banks are automatically switched, and the firmware can immediately write into the endpoint FIFO bank 1. When the IN packet concerning the bank 0 has been sent and acknowledged by the Host, the TXCMPL bit is set by the USB controller. This triggers a USB interrupt if enabled. The firmware should clear the TXCMPL bit before filling the endpoint FIFO bank 0 with new data. The FIFO banks are then automatically switched. When the IN packet concerning the bank 1 has been sent and acknowledged by the Host, the TXCMPL bit is set by the USB controller. This triggers a USB interrupt if enabled. The firmware should clear the TXCMPL bit before filling the endpoint FIFO bank 1 with new data. The bank switch is performed by the USB controller each time the TXRDY bit is set by the firm- ware. Until the TXRDY bit has been set by the firmware for an endpoint bank, the USB controller will answer a NAK handshake for each IN requests concerning this bank. Note that in the example above, the firmware clears the Transmit Complete bit (TXCBulk-out- MPL) before setting the Transmit Ready bit (TXRDY). This is done in order to avoid the firmware to clear at the same time the TXCMPL bit for for bank 0 and the bank 1. The firmware should never write more Bytes than supported by the endpoint FIFO. IN DATA0 (n Bytes) ACK HOST UFI C51 Endpoint FIFO bank 0 - Write Byte 1 IN NACK TXCMPL Endpoint FIFO bank 0 - Write Byte 2 Endpoint FIFO bank 0 - Write Byte n Set TXRDY Endpoint FIFO bank 1 - Write Byte 1 Endpoint FIFO bank 1 - Write Byte 2 Endpoint FIFO bank 1 - Write Byte m Set TXRDY IN DATA1 (m Bytes) ACK Endpoint FIFO bank 0 - Write Byte 1 Endpoint FIFO bank 0 - Write Byte 2 Endpoint FIFO bank 0 - Write Byte p Set TXRDY Clear TXCMPL IN DATA0 (p Bytes) ACK TXCMPL Clear TXCMPL Endpoint FIFO bank 1 - Write Byte 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |