Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80SND2CMP3B Datasheet(PDF) 234 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  MPEG I/II-Layer 3 Hardwired Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 234 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 230Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 231Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 232Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 233Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 234Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 235Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 236Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 237Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 238Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 242 page
background image
234
4341H–MP3–10/07
AT8xC51SND2C/MP3B
25. Ordering Information
Part Number
Memory
Size
ADC
Supply
Voltage
Temp.
Range
Max
Frequency
(MHz)
Package
Packing
Product Marking
RoHS
Compliant
AT89C51SND2C-7FTIL
64K
Flash
No
3V
Industrial
40
BGA100
Tray
89C51SND2C-IL
No
AT89C51SND2C-7FRIL
64K
Flash
No
3V
Industrial
40
BGA100
Reel
89C51SND2C-IL
No
AT89C51SND2C-7FTJL
64K
Flash
No
3V
RoHS
40
BGA100
Tray
89C51SND2C-JL
Yes
AT89C51SND2C-7FRJL
64K
Flash
No
3V
RoHS
40
BGA100
Reel
89C51SND2C-JL
Yes
AT83SND2Cxxx-7FTJL
64K
ROM
No
3V
RoHS
40
BGA100
Tray
83C51SND2C-JL
Yes
AT83SND2Cxxx-7FRJL
64K
ROM
No
3V
RoHS
40
BGA100
Reel
83C51SND2C-JL
Yes
AT89C51SND2C-7FTUL
64K
Flash
No
3V
Green
40
BGA100
Reel
89C51SND2C-UL
Yes
AT89SND2CMP3B-
7FTUL
64K
Flash
Yes
3V
Green
40
BGA100
Tray
89SND2CMP3B-UL
Yes
AT83SND2CxxxB-
7FTUL
64K
ROM
Yes
3V
Green
40
BGA100
Tray
83SND2CxxxB-UL
Yes
AT80SND2CMP3B-
7FTUL
-
Yes
3V
Green
40
BGA100
Tray
80SND2CMP3B-UL
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com