Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS87C2020K Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # GMS87C2020K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C2020K Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button GMS87C2020K Datasheet HTML 35Page - Hynix Semiconductor GMS87C2020K Datasheet HTML 36Page - Hynix Semiconductor GMS87C2020K Datasheet HTML 37Page - Hynix Semiconductor GMS87C2020K Datasheet HTML 38Page - Hynix Semiconductor GMS87C2020K Datasheet HTML 39Page - Hynix Semiconductor GMS87C2020K Datasheet HTML 40Page - Hynix Semiconductor GMS87C2020K Datasheet HTML 41Page - Hynix Semiconductor GMS87C2020K Datasheet HTML 42Page - Hynix Semiconductor GMS87C2020K Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
39
9. I/O PORTS
The GMS81C20xx has eight ports (R0, R1, R2, R4, R5, R6
and R7).These ports pins may be multiplexed with an alter-
nate function for the peripheral features on the device.
All pins have data direction registers which can define
these ports as output or input. A “1” in the port direction
register configure the corresponding port pin as output.
Conversely, write “0” to the corresponding bit to specify it
as input pin. For example, to use the even numbered bit of
R0 as output ports and the odd numbered bits as input
ports, write “55H” to address 0C1H (R0 port direction reg-
ister) during initial setting as shown in Figure 9-1.
All the port direction registers in the GMS81C2020 have 0
written to them by reset function. On the other hand, its in-
itial status is input.
Figure 9-1 Example of Port I/O Assignment
RA(Vdisp) register: RA is one-bit high-voltage input
only port pin. In addition, RA serves the functions of the
Vdisp special features. Vdisp is used as a high-voltage input
power supply pin when selected by the mask option.
R0 and R0IO register: R0 is an 8-bit high-voltage CMOS
bidirectional I/O port (address 0C0H). Each port can be set
individually as input and output through the R0IO register
(address 0C1H). Each port can directly drive a vacuum flu-
orescent display. R03 port is multiplexed with Buzzer Out-
put Port(BUZO),
R02 port is multiplexed with Event
Counter Input Port (EC0), and R01~R00 are multiplexed
with External Interrupt Input Port(INT1, INT0)
.The control register R0FUNC (address F4H) controls to
select alternate function. After reset, this value is "0", port
may be used as general I/O ports. To select alternate func-
tion such as Buzzer Output, External Event Counter Input
and External Interrupt Input, write "1" to the correspond-
ing bit of R0FUNC. Regardless of the direction register
R0IO, R0FUNC is selected to use as alternate functions,
port pin can be used as a corresponding alternate features
(BUZO, EC0, INT1, INT0)
Port pin
Alternate function
RA
Vdisp (High-voltage input power supply)
I : INPUT PORT
WRITE "55H" TO PORT R0 DIRECTION REGISTER
0 1 0 1 0 1 0 1
I O I O I O I O
R0 data
R1 data
R0 direction
R1 direction
0C0H
0C1H
0C2H
0C3H
7 65432 10
BIT
7654 3210
PORT
O : OUTPUT PORT
RA Data Register
RA
ADDRESS: 0FBH
RESET VALUE: Undefined
RA0
Input data
Port Pin
Alternate Function
R00
R01
R02
R03
INT0 (External interrupt 0 Input Port)
INT1 (External interrupt 1 Input Port)
EC0 (Event Counter Input Port)
BUZO (Buzzer Output Port)
R0 Data Register
R0
ADDRESS: 0C0H
RESET VALUE: Undefined
R07 R06 R05 R04 R03 R02 R01 R00
Port Direction
R0 Direction Register
R0IO
ADDRESS : 0C1H
RESET VALUE : 00H
0: Input
1: Output
Input / Output data
R0 Function Selection Register
R0FUNC
ADDRESS : 0F4H
RESET VALUE : ----0000B
0: R00
1: INT0
0
0: R01
1: INT1
0: R02
1: BUZO
0: R03
1: EC0
1
2
3
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com