Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS84512 Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # GMS84512
Description  8-BIT SINGLE CHIP MICROCOMPUTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS84512 Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button GMS84512 Datasheet HTML 30Page - Hynix Semiconductor GMS84512 Datasheet HTML 31Page - Hynix Semiconductor GMS84512 Datasheet HTML 32Page - Hynix Semiconductor GMS84512 Datasheet HTML 33Page - Hynix Semiconductor GMS84512 Datasheet HTML 34Page - Hynix Semiconductor GMS84512 Datasheet HTML 35Page - Hynix Semiconductor GMS84512 Datasheet HTML 36Page - Hynix Semiconductor GMS84512 Datasheet HTML 37Page - Hynix Semiconductor GMS84512 Datasheet HTML 38Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
GMS 84512 / 84524
3 - 10
3.1.6
R5
PORT
4-Bit output only port.
Selection Mode
Pin Name
Port Selection
2nd Function
Type
0
R50/ R
R50 ( O )
R ( O )
OA
1
R51/ G
R51 ( O )
G ( O )
OA
2
R52/ B
R52 ( O )
B ( O )
OA
3
R53/ Y
R53 ( O )
Y ( O )
OA
l Register Structure and Description
Register Name
Sumbol
R/W
Address
Initial Value
R5 Port Data Register
R5
R/W
00C9H
Not initialized
OSD Output/ BACKGROUND Control Register
OSDCON1
W
00F9H
0000 0000
R5
PORT
Port R5 Output Data
Initial value when MCU Reset
[ Not initialized ]
<00C9H>
R5
R5 PORT DATA REGISTER
7
-
6
-
5
-
4
-
3
R53
2
R52
1
R51
0
R50
-
-
-
-
R/W
R/W
R/W
R/W
Not used
Background and Edge Color Selecton
Initial value when MCR Reset
[ 0000 0000 ]
<00F9H>
OSDCON1
OSD OUTPUT & BACKGROUND CONTROL
7
OY
6
OB
5
OG
4
OR
3
OSDON
2
BB
1
BG
0
BR
W
W
W
W
W
W
W
W
R53/ Y Selection
0 : R53
1 : Y
R52/ B Selection
0 : R52
1 : B
R50/ R Selection
0 : R50
1 : R
R51/ G Selection
0 : R51
1 : G
OSD Output Control
0 : Disable
1 : Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com