Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1S73P2 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1S73P2
Description  Compact Photointerrupter with Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S73P2 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1S73P2 Datasheet HTML 1Page - Sharp Corporation GP1S73P2 Datasheet HTML 2Page - Sharp Corporation GP1S73P2 Datasheet HTML 3Page - Sharp Corporation GP1S73P2 Datasheet HTML 4Page - Sharp Corporation GP1S73P2 Datasheet HTML 5Page - Sharp Corporation GP1S73P2 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
10 -6
10 -7
10 -8
10 -9
10 -10
0
255075
100
2
5
2
5
2
5
2
5
-25
VCE= 20V
Ambient temperature Ta (˚C)
Fig. 10 Frequency Characteristics
Frequency f (Hz)
Fig. 11 Dark Current vs. Ambient Temperature
Shield distance L (mm)
Shield distance L (mm)
GP1S73P/GP1S74P
2
0
55
25
25
2
10k
Ω
1k
Ω 100Ω
103
104
105
106
RL =
-20
-15
-10
-5
VCE=2V
IC= 2mA
Ta= 25˚C
Fig. 12 Detecting Position Characteristics (1)
Fig. 13 Detecting Position Characteristics (2)
1
2
345
10
20
30
40
50
60
70
80
90
100
Ta = 25˚C
VCC =5V
Shield plate
Sensor
1234
5
10
20
30
40
50
60
70
80
90
100
Ta = 25˚C
VCC=5V
L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com