Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS90C52 Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # GMS90C52
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C52 Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button GMS90C52 Datasheet HTML 18Page - Hynix Semiconductor GMS90C52 Datasheet HTML 19Page - Hynix Semiconductor GMS90C52 Datasheet HTML 20Page - Hynix Semiconductor GMS90C52 Datasheet HTML 21Page - Hynix Semiconductor GMS90C52 Datasheet HTML 22Page - Hynix Semiconductor GMS90C52 Datasheet HTML 23Page - Hynix Semiconductor GMS90C52 Datasheet HTML 24Page - Hynix Semiconductor GMS90C52 Datasheet HTML 25Page - Hynix Semiconductor GMS90C52 Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
GMS90 Series
18
Oct. 2000 Ver 3.1a
† indicates resident in the GMS9XX54/56/58, not in 9XX51/52.
Table 3. Contents of SFRs, SFRs in Numeric Order (cont’d)
Address
Register
Bit 7
6543
210
C8H
T2CON
TF2
EXF2
RCLK
TCLK
EXEN 2
TR2
C/T2
CP/R L2
C9H
T2MOD
-
----
-
T2O E †
DCEN
CAH
RC2L
CBH
RC2H
CCH
TL2
CDH
TH2
D0H
PSW
CY
AC
F0
RS1
RS0
OV
F1
P
E0H
ACC
F0H
B
A0
8EH
0 : Enable ALE Signal (Generated ALE Signal)
C9H
1 : Disable ALE Signal (Not Generated ALE Signal)
T2OE
0 : Disable Timer2 Output
1 : Enable Timer2 Output
†
†
T2OE : Timer2 Output Enable bit
A0 : ALE Signal Disable bit
SFR bit and byte addressable
SFR not bit addressable
- : this bit location is reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com