Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB7121B Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HB7121B
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121B Datasheet(HTML) 3 Page - Hynix Semiconductor

  HB7121B Datasheet HTML 1Page - Hynix Semiconductor HB7121B Datasheet HTML 2Page - Hynix Semiconductor HB7121B Datasheet HTML 3Page - Hynix Semiconductor HB7121B Datasheet HTML 4Page - Hynix Semiconductor HB7121B Datasheet HTML 5Page - Hynix Semiconductor HB7121B Datasheet HTML 6Page - Hynix Semiconductor HB7121B Datasheet HTML 7Page - Hynix Semiconductor HB7121B Datasheet HTML 8Page - Hynix Semiconductor HB7121B Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
HB7121B
Semiconductor Inc.
CMOS IMAGE SENSOR
System IC SBU
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. NO patent licenses are implied.
DA21000601R_1.1
- 3 -
2001 Hynix System IC SBU
ELECTRO-OPTICAL CHARACTERISTICS
color temperature of light source: 3200K / IR cut-off filter (CM-500S, 1mm thickness) is used.
Parameter
Units
Min.
Typical
Max.
Note
Sensitivity
mV / luxžsec
5000
8000
1)
Dark Signal
mV/sec
5
100
2)
Output Saturation Signal
MV
1200
1250
3)
Dynamic Range
dB
48
4)
Output Signal Shading
%
8
13
5)
Dark Signal Shading
mV/sec
3
300
6)
Frame Rate
fps
60
7)
Note:
1) Measured at 10lux illumination for exposure time 10 ms.
2) Measured at zero illumination for exposure time 50 ms. (Ttemp = 40 Centigrade)
3) Measured at Vdd =3.3V and 100lux illumination for exposure time 50msec.
4) 48dB is limited by 8-bit ADC.
5) Variance of average value of 4x4 pixels response of each block over all equal blacks at 50%
saturation level illumination for exposure time 10msec.
6) Range between Vmax and Vmin at zero illumination for exposure time 50msec, where Vmax and Vmin
are the maximum and minimum values of each block’s response, respectively.
7) Measured at MCLK 15MHz.
Integration time must be set in order for effective window height not to exceed window height.
It’s because effective window height is directly proportional to integration time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com