Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # ATAM894
Description  Read Protection for the EEPROM Program Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button ATAM894_14 Datasheet HTML 37Page - ATMEL Corporation ATAM894_14 Datasheet HTML 38Page - ATMEL Corporation ATAM894_14 Datasheet HTML 39Page - ATMEL Corporation ATAM894_14 Datasheet HTML 40Page - ATMEL Corporation ATAM894_14 Datasheet HTML 41Page - ATMEL Corporation ATAM894_14 Datasheet HTML 42Page - ATMEL Corporation ATAM894_14 Datasheet HTML 43Page - ATMEL Corporation ATAM894_14 Datasheet HTML 44Page - ATMEL Corporation ATAM894_14 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
41
4679D–4BMCU–05/05
ATAM894
Timer 2 Output Mode 2
Duty Cycle Burst Generator 1:
The DCG output signal (DCGO) is given to the output, and
gated by the output flip-flop (M2)
Figure 6-18.
Carrier Frequency Burst Modulation with Timer 2 Toggle Flip-flop Output
Timer 2 Output Mode 3
Duty Cycle Burst Generator 2:
The DCG output signal (DCGO) is given to the output, and
gated by the SSI internal data output (SO)
Figure 6-19.
Carrier Frequency Burst Modulation with the SSI Data Output
Timer 2 Output Mode 4
Bi-phase Modulator:
Timer 2 Modulates the SSI Internal Data Output (SO) to Bi-phase Code.
Figure 6-20.
Bi-phase Modulation
1 2 0 1 2 0 1 2 3 4 5 01 20 1 2 3 4 5 6 78 01 2 3 4 5 67 8 9 10 01 2 3 4 5
DCGO
Counter 2
TOG2
M2
T2O
Counter = compare register (= 2)
1 20 1 2 0 1 20 12 0 1 2 0 12 012 01 2 0 1 2 01 20 1 2 0 1 2 0 12 0 1
DCGO
Counter 2
TOG2
SO
T2O
Counter = compare register (= 2)
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13
TOG2
SC
SO
T2O
00
0
0
00
11
0
1
0
1
11
1
1
8-bit SR data
Bit 7
Bit 0
Data: 00110101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com