Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM8513AP Datasheet(PDF) 45 Page - Hynix Semiconductor

Part # HDM8513AP
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AP Datasheet(HTML) 45 Page - Hynix Semiconductor

Back Button HDM8513AP Datasheet HTML 41Page - Hynix Semiconductor HDM8513AP Datasheet HTML 42Page - Hynix Semiconductor HDM8513AP Datasheet HTML 43Page - Hynix Semiconductor HDM8513AP Datasheet HTML 44Page - Hynix Semiconductor HDM8513AP Datasheet HTML 45Page - Hynix Semiconductor HDM8513AP Datasheet HTML 46Page - Hynix Semiconductor HDM8513AP Datasheet HTML 47Page - Hynix Semiconductor HDM8513AP Datasheet HTML 48Page - Hynix Semiconductor HDM8513AP Datasheet HTML 49Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
45
0F
Control Parameters
Bit 0. Binary/Two’s Complement
When this bit is a zero, the system expects the six bit modulation input
samples in two’s complement format, otherwise the input should be in
offset binary format.
Bit 1. Spectrum Invert
When this bit is set to zero, the spectrum of the received signal is
inverted. This has the effect of complementing the in-phase channel
only.
Bit 2. Bias Cancel Enable
When this bit is a one, the internal circuit which cancels DC bias on the I
and Q inputs is enabled. When this function is enabled, it is assumed
that the input signal is scrambled with no significant DC component on
either the I or Q.
Bit 3. Symbol Track Enable
When this bit is set to one, the symbol tracking function is enabled.
When this bit is zero the symbol tracking frequency is forced to the
nominal 20 bit programmed value.
Bit 4. Carrier Track Enable
When this bit is set to one, the carrier phase tracking function is
enabled. When this bit is zero, the carrier frequency is forced to the 20
bit programmed value.
Bit 5. Sweep Hold
When this bit is set to one, the sweeping process is inhibited, and the
nominal carrier frequency remains at the last value.
Bit 6. Narrowband AGC Mode 1 Enable
When this bit is set to one and the narrowband AGC is in Mode 1, the
narrowband AGC self-adjusts to the optimum gain setting. When the bit
is set to zero, the most recent value is held without updating.
Bit 7. Automatic Detection of Spectrum Inversion
When this bit is set to one, the spectrum inversion is detected
automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com