Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM8515 Datasheet(PDF) 32 Page - Hynix Semiconductor

Part # HDM8515
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515 Datasheet(HTML) 32 Page - Hynix Semiconductor

Back Button HDM8515 Datasheet HTML 28Page - Hynix Semiconductor HDM8515 Datasheet HTML 29Page - Hynix Semiconductor HDM8515 Datasheet HTML 30Page - Hynix Semiconductor HDM8515 Datasheet HTML 31Page - Hynix Semiconductor HDM8515 Datasheet HTML 32Page - Hynix Semiconductor HDM8515 Datasheet HTML 33Page - Hynix Semiconductor HDM8515 Datasheet HTML 34Page - Hynix Semiconductor HDM8515 Datasheet HTML 35Page - Hynix Semiconductor HDM8515 Datasheet HTML 36Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
32
Output Clock Frequency
vc[1:0]
p[1:0]
min
max
00
40MHz
100MHz
01
20MHz
50MHz
10
10MHz
25MHz
00
11
5MHz
12.5MHz
00
60MHz
100MHz
01
30MHz
50MHz
10
15MHz
25MHz
01
11
7.5MHz
12.5MHz
00
80MHz
100MHz
01
40MHz
50MHz
10
20MHz
25MHz
10
11
10MHz
12.5MHz
00
100MHz
100MHz
01
50MHz
50MHz
10
25MHz
25MHz
11
11
12.5MHz
12.5MHz
2.2 lfm value setting
According to the table, determine the lfm value
lfm
(Reference Frequency)/(Reference Divisor)/15
7
Less than 0.01555
0
Less than 0.0258
1
Less than 0.0421
2
Less than 0.070
3
Less than 0.114
4
Less than 0.187
5
Less than 0.309
6
Greater than 0.309
2.3 icp value setting
According to the lfm value, you determine zero value, pole value, rlf value.
lfm
Zero value
Pole value
rlf value
7
External filter used
External filter used
External filter used
0
0.008
0.03
40
1
0.013
0.050
24.1
2
0.021
0.082
40
3
0.032
0.135
24.1
4
0.060
0.221
24.1
5
0.100
0.360
14.7
6
0.160
0.600
8.9
Step 1: According to the following formula, Kvcop is determined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com