Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM8513AT Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HDM8513AT
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AT Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HDM8513AT Datasheet HTML 5Page - Hynix Semiconductor HDM8513AT Datasheet HTML 6Page - Hynix Semiconductor HDM8513AT Datasheet HTML 7Page - Hynix Semiconductor HDM8513AT Datasheet HTML 8Page - Hynix Semiconductor HDM8513AT Datasheet HTML 9Page - Hynix Semiconductor HDM8513AT Datasheet HTML 10Page - Hynix Semiconductor HDM8513AT Datasheet HTML 11Page - Hynix Semiconductor HDM8513AT Datasheet HTML 12Page - Hynix Semiconductor HDM8513AT Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
9
Table 3: Demodulator Specifications
Parameter
Min.
Max.
Sampling Clock Frequency
1MHz
75MHz
Analog Input Full Scale Range
0.9 Vpp
1.1 Vpp
Symbol Rate
1Msps
55Msps
Viterbi Data Rate
-
75Mbps
Reed Solomon Data Rate
-
69Mbps
Implementation Loss
-
0.5 dB
Symbol Rate Resolution
Clock/(2
20
)
-
Carrier Frequency Resolution
Clock/(2
20
)
-
Acquisition Sweep Range
-
+ or - Clock/2
Table 4: AC Characteristics
Symbol
Parameter
Min.
Max.
Unit
tsu1
Input Data Setup before Clock
6
-
ns
th1
Input Data Hold after Clock
2
-
ns
tpw1
Low Pulse Width of Clock
8.7
-
ns
tpw2
High Pulse Width of Clock
8.1
-
ns
CLOCK
I_IN [5:0]
or Q_IN [5:0]
tpw1
t
t
t
pw2
su1
h1
FIGURE 2: INPUT DATA TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com