Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS91C7432 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HMS91C7432
Description  HMS91C7432 features and functions
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS91C7432 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HMS91C7432 Datasheet HTML 1Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 2Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 3Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 4Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 5Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 6Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 7Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 8Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Hynix semiconductor
3
Specifications of HMS91C7432
The HMS91C7432 TCP/IP communication controller is manufactured in advance CMOS
process.
The HMS91C7432 implement complete TCP/IP protocol suite includes PPP; IP; ICMP;TCP;
UDP; DNS; SMTP; POP3 protocol and additionally a general MODEM driver.
The HMS91C7432 is built-in with 96Kb SRAM (12K x 8) for communication and buffering, A full
duplex UART as DTE for ease of serial modem connection.
The HMS91C7432 has an 8 bits Data/Command port and 4 control pins to facilitate control and
communication between the Host MCU and the modem. There are only 20 simple commands,
each of which is a single byte long, to establish and to complete the whole internet
communication. 45 respond codes for the Host MCU to monitor the communication status.
Extremely low external component count. Very low power consumption.
Features :
y
Implement TCP/IP protocol suit.
y
SMTP for sending email
y
POP3 for receiving email
y
PPP for dialup network log on
and hand shaking.
y
DNS protocol to resolve IP
address from URL
y
Full static operation
y
Full Duplex 56K/115Kbps UART
port for modem DTE connection.
y
Speed range up to 22.118MHz
y
8 bits Bi-directional Data/Command bus.
y
Modem driver included
y
Power control modes
9
Active mode
9
Power-down mode
y
Dissipating Current
ß
Active 25mA
ß
Power-down 10uA max.
y
20 single byte easy commands
y
45 respond codes
y
Package type 20-SOP
y
Operating voltage
3.3V +/- 10%
Dissipating Current
Active mode
25 mA
Power down mode
10uA max.
Oscillation Frequency
11.0592 Mhz
Operating Temperature
-40 to +85°C
Storage Temperature
-65 to +150°C
D0
D1
D2
D3
D4
D5
D6
D7
Test
VCC
RXD
TXD
Reset
Strobe
WR
INT
Wait
Xtal 2
Xtal 1
Vss
HMS91C7432
SOP 20
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com