Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA040TH65 Datasheet(PDF) 2 Page - GeneSiC Semiconductor, Inc.

Part # GA040TH65
Description  Silicon Carbide Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GA040TH65 Datasheet(HTML) 2 Page - GeneSiC Semiconductor, Inc.

  GA040TH65 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GA040TH65 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GA040TH65 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
November 2010
Preliminary Datasheet
http://www.genesicsemi.com
Page 2 of 3
GA040TH65
Figure 1: Typical On State Characteristics
Figure 2: Typical Forward Blocking Characteristics
Figure 4: Typical Current Rating versus Pulse Duration Curves
Figure 3: Typical Current Derating Curves (D = t
P/T, tP = 400 µs
1)
at T
C = 120
O
C
Figure 5: Typical Turn On Characteristics at 25 °C
Figure 6: Typical Turn Off Characteristics at 25 °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com