Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90CAN64 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT90CAN64
Description  Non volatile Program and Data Memories
PDF  428 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT90CAN64 Datasheet HTML 9Page - ATMEL Corporation AT90CAN64 Datasheet HTML 10Page - ATMEL Corporation AT90CAN64 Datasheet HTML 11Page - ATMEL Corporation AT90CAN64 Datasheet HTML 12Page - ATMEL Corporation AT90CAN64 Datasheet HTML 13Page - ATMEL Corporation AT90CAN64 Datasheet HTML 14Page - ATMEL Corporation AT90CAN64 Datasheet HTML 15Page - ATMEL Corporation AT90CAN64 Datasheet HTML 16Page - ATMEL Corporation AT90CAN64 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 428 page
background image
13
7679H–CAN–08/08
AT90CAN32/64/128
Figure 3-3.
The X-, Y-, and Z-registers
In the different addressing modes these address registers have functions as fixed displacement,
automatic increment, and automatic decrement (see the instruction set reference for details).
3.5.2
Extended Z-pointer Register for ELPM/SPM – RAMPZ
• Bits 7..1 – Res: Reserved Bits
These bits are reserved for future use and will always read as zero. For compatibility with future
devices, be sure to write to write them to zero.
• Bit 0 – RAMPZ0: Extended RAM Page Z-pointer
The RAMPZ Register is normally used to select which 64K RAM Page is accessed by the Z-
pointer. As the AT90CAN32/64/128 does not support more than 64K of SRAM memory, this reg-
ister is used only to select which page in the program memory is accessed when the ELPM/SPM
instruction is used. The different settings of the RAMPZ0 bit have the following effects:
– AT90CAN32 and AT90CAN64: RAMPZ0 exists as register bit but it is not used for
program memory addressing.
– AT90CAN128: RAMPZ0 exists as register bit and it is used for program memory
addressing.
Figure 3-4.
The Z-pointer used by ELPM and SPM
Note:
LPM (different of ELPM) is never affected by the RAMPZ setting.
15
XH
XL
0
X-register
7
0
7
0
R27 (0x1B)
R26 (0x1A)
15
YH
YL
0
Y-register
7
0
7
0
R29 (0x1D)
R28 (0x1C)
15
ZH
ZL
0
Z-register
7
0
7
0
R31 (0x1F)
R30 (0x1E)
Bit
7
6
543
2
1
0
–
–
–
–
–
–
–
RAMPZ0
RAMPZ
Read/Write
R
R
R
R
R
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0
RAMPZ0 = 0: Program memory address 0x0000 - 0x7FFF (lower 64K bytes) is accessed by
ELPM/SPM
RAMPZ0 = 1: Program memory address 0x8000 - 0xFFFF (higher 64K bytes) is accessed by
ELPM/SPM
RAMPZ
ZH
ZL
7
Bit (Individually)
0
7
0
7
0
23
Bit (Z-pointer)
16
15
8
7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com