Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9711 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # STAC9711
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9711 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STAC9711 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
7
10/02/98
Figure 2. STAC9708 Block Diagram
The STAC9708/11 block diagram, above, illustrates its primary functional blocks. It performs fixed 48K sample
rate D-A & A-D conversion, mixing, and analog processing. The digital interface communicates with the AC'97
controller via the five wire AC-Link and contains the 64 word by 16-bit registers. Four, fixed 48Ks/s DAC’s
support two stereo PCM-out channels for surround sound applications requiring four speakers. The digital mix of
all software sources, including the internal synthesizer and any other digital sources, is performed in the digital
controller. The Mixer block mixes the PCM_OUT with any analog sources, then outputs to LINE_OUT. The
surround DACs are output to DAC_OUT, and this stereo output has independent volume control. In addition, the
surround DACs can be input to the Mixer block and output to LINE_OUT. The MONO_OUT delivers either mic
only or a mono mix of sources from the mixer. The two fixed 48Ks/s ADC’s take any mix of mono or stereo
sources and convert it to a stereo PCM-in signal. All ADC's and DAC's operate at 18-bit resolution.
The STAC9708/11 is designed primarily to support multi-channel, 4-speaker PC audio. However, true AC-3
playback can be achieved for 6-speaker applications by taking advantage of the multi-codec option in the
STAC9708/11. Using this option with a STAC9704/07 as the primary codec, and the STAC9708 as the secondary
codec, 6-channel output can be achieved in an AC'97 architecture. Also, the STAC9708/11 provides for a stereo
enhancement feature, Sigmatel Surround 3D or SS3D. SS3D provides the listener with several options to
expand the soundstage beyond the normal 2-speaker arrangement.
Together with the logic component (controller or advanced core logic chip-set) of AC'97, STAC9708/11 can be
SoundBlaster
®
and Windows Sound System
®
compatible. SoundBlaster
®
is a registered trademark of Creative
Labs. Windows
®
is a registered trademark of Microsoft Corporation.
LINE_OUT
MONO_OUT
M IC1
M IC2
M
U
X
M IXER
Analog mixing
and
Gain control
DAC
DAC
ADC
ADC
Power
Management
Digital
Interface
Registers
64 x 16 bits
Mic
Boost
0/20 dB
PCM out DACs
PCM in ADCs
AC-link
4 stereo
sources
2 mono sources
mono
stereo
48Kss
48Kss
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET
DAC_OUT
DAC
DAC
ID0
ID1
Multi-Codec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com