Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9108-03CS8 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9108-03CS8
Description  CPU Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9108-03CS8 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9108-03CS8 Datasheet HTML 1Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 2Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 3Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 4Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 5Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 6Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 7Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
AV9108
CPU Frequency Generator
Block Diagram
AV 9108 RevB032195
General Description
The AV9108 offers a tiny footprint solution for generating two
simultaneous clocks. One clock, the REFCLK, is a fixed output
frequency which is the same as the input reference crystal (or
clock). The other clock, CLK1, can vary between 2 and 120
MHz, with up to 16 selectable preprogrammed frequencies
stored in internal ROM.
The ICS9108 is ideal for use in a 3.3V system. It can generate
a 66.66 MHz clock at 3.3V. In addition, the ICS9108 provides
a symmetrical wave form with a worst case duty cycle of 45/55.
The ICS9108 has very tight edge control between the CPU
clock and 2XCPU clock outputs, with a worst case skew of
250ps.
The device has advanced features which include on-chip loop
filters, tristate outputs, and power-down capability. A mini-
mum of external components - two decoupling capacitors and
an optional ferrite bead - are all that are required for jitter-free
operation. Standard versions for computer motherboard appli-
cations are the AV9108-03, AV9108-05 and the ICS9108-10.
Custom masked versions, with customized frequencies and
features, are available in 6-8 weeks for a small NRE fee.
Features
•• Runs up to 80 MHz at 3.3V
•• 50/50 typical duty cycle at 5V
•• ±250ps absolute jitter
•• Generates frequencies from 2 to 140 MHz
•• 2 to 32 MHz input reference frequency
•• Up to 16 frequencies stored internally
•• Patented on-chip Phase Locked Loop with VCO for clock
generation
•• Provides reference clock and synthesized clock
•• On-chip loop filter
•• Low power 0.8µ CMOS technology
•• 8-pin or 14-pin DIP or SOIC package


Similar Part No. - ICS9108-03CS8

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9107C-21CS08 ICST-ICS9107C-21CS08 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9107C-22CS08 ICST-ICS9107C-22CS08 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
More results

Similar Description - ICS9108-03CS8

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C-11 ICST-AV9107C-11 Datasheet
69Kb / 1P
Green PC CPU Frequency Generator
RevA052197
AV9107C-13 ICST-AV9107C-13 Datasheet
245Kb / 5P
CPU Frequency Generator
RevB052197
AV9107C-17 ICST-AV9107C-17 Datasheet
143Kb / 5P
CPU Frequency Generator
RevC052197
AV9107C ICST-AV9107C Datasheet
504Kb / 9P
CPU Frequency Generator
Rev D 2/3/98
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Exar Corporation
ST49C107A EXAR-ST49C107A Datasheet
66Kb / 8P
Preprogrammed CPU Mother Board Frequency Generator
logo
Integrated Circuit Syst...
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
AV9107C IDT-AV9107C Datasheet
509Kb / 9P
CPU Frequency Generator
AV9107C-17 IDT-AV9107C-17 Datasheet
149Kb / 5P
CPU Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com