Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9108-10CS14 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9108-10CS14
Description  CPU Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9108-10CS14 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9108-10CS14 Datasheet HTML 1Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 2Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 3Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 4Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 5Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 6Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 7Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Actual Frequencies
Decoding Table for AV9108-05, 14.318 input
FS1
FS0
CLK1
0
0
1
1
0
1
0
1
40.01 MHz
50.11 MHz
66.61 MHz
80.01 MHz
Decoding Table for AV9108-03, 14.318 input
FS3
FS2
FS1
FS0
CLK1
0
0
0
1
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
16.00 MHz
39.99 MHz
50.11 MHz
80.01 MHz
66.58 MHz
100.23 MHz
8.02 MHz
4.01 MHz
8.02 MHz
20.00 MHz
25.06 MHz
40.01 MHz
33.29 MHz
50.11 MHz
4.01 MHz
2.05 MHz
Decoding Table for AV9108-10, 14.318 input
FS1
FS0
CLK1
0
0
1
1
0
1
0
1
25.057 MHz
33.289 MHz
40.006 MHz
50.113 MHz
Decoding Table for AV9108-11 (in MHz)
FS3
FS2
FS1
FS0
CLK1
0
0
0
1
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
16.00 MHz
33.39 MHz
50.11 MHz
80.01 MHz
66.58 MHz
100.23 MHz
60.00 MHz
4.01 MHz
8.02 MHz
20.05 MHz
25.06 MHz
39.99 MHz
33.25 MHz
50.11 MHz
30.00 MHz
4.01 MHz
Note: The dash number following ICS9108 must be included when ordering product since it specifies the frequency decoding
table being ordered. Decoding options can be created by a simple metal mask change.
AV9108
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com