Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1523M Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS1523M
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1523M Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS1523M Datasheet HTML 8Page - Integrated Circuit Systems ICS1523M Datasheet HTML 9Page - Integrated Circuit Systems ICS1523M Datasheet HTML 10Page - Integrated Circuit Systems ICS1523M Datasheet HTML 11Page - Integrated Circuit Systems ICS1523M Datasheet HTML 12Page - Integrated Circuit Systems ICS1523M Datasheet HTML 13Page - Integrated Circuit Systems ICS1523M Datasheet HTML 14Page - Integrated Circuit Systems ICS1523M Datasheet HTML 15Page - Integrated Circuit Systems ICS1523M Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
ICS1523
MDS 1523 Y
12
Revision 110905
Integrated Circuit Systems
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
Section 11 Programming
11.1 Industry-Standard I2C Serial Bus: Data Format
Figure 11-1 ICS1523 Data Format for I2C 2-Wire Serial Bus
Note:
• 1 - Lower nibble of the I2C register automatically increments after each successive data byte is written to
or read from the ICS1523.
• 2 - Upper nibble of the I2C register does not automatically increment, and the software must explicitly
re-address the ICS1523. The software:
– Must NOT just index 0 and then do all the I/O as one-byte transactions.
– Must break the transactions into at least two separate bus transactions:
(1) 00 to 08 (2) 10 to 12
Write Procedure for Single Register
MSB
LSB
S 010 01 1X 0 A
A
A
Device address
Register Index
Data
Read Procedure for Single Register
MSB
LSB
MSB
LSB
S 010 01 1X 0 A
A S 01 00 11X 1 A
A
Device address
Register Index
Device address
Data
Repeat START
NO Acknow ledge
Write Procedure for Multiple Registers (Note 1)
MSB
LSB
S 010 01 1X 0 A
A
A
A
A
Device address
Register Index
Data
Data
Read Procedure for M ultiple Registers (Note 1)
MSB
LSB
MSB
LSB
S 010 01 1X 0 A
A S 01 00 11X 1 A
A
A
Device address
Register Index
Device address
Data
Data
Repeat START
NO Acknow ledge
Legend
All values are sent with the most-significant bit (MSB) first and least-significant bit (LSB) last.
R
= Read = 1
W
= Write = 0
S = Start (SDA goes low when SCL was high, then SCL goes low too)
A
= ACK = Acknowledge = 0
A
= ACK = No Acknowledge = 1
X = Bit value that equals logic state of SBADR pin.
= (Dashed Line) Multiple transactions
Bus Master drives signal to ICS1523
ICS1523 (Slave Device) drives signal to Bus Master
Stop
Stop
Stop
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com