Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1523MLFT Datasheet(PDF) 19 Page - Integrated Circuit Systems

Part # ICS1523MLFT
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1523MLFT Datasheet(HTML) 19 Page - Integrated Circuit Systems

Back Button ICS1523MLFT Datasheet HTML 13Page - Integrated Circuit Systems ICS1523MLFT Datasheet HTML 14Page - Integrated Circuit Systems ICS1523MLFT Datasheet HTML 15Page - Integrated Circuit Systems ICS1523MLFT Datasheet HTML 16Page - Integrated Circuit Systems ICS1523MLFT Datasheet HTML 17Page - Integrated Circuit Systems ICS1523MLFT Datasheet HTML 18Page - Integrated Circuit Systems ICS1523MLFT Datasheet HTML 19Page - Integrated Circuit Systems ICS1523MLFT Datasheet HTML 20Page - Integrated Circuit Systems ICS1523MLFT Datasheet HTML 21Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
MDS 1523 Y
19
Revision 110905
Integrated Circuit Systems
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
ICS1523
Note 1- VOL must not fall below the level given so that the correct value for IOUT can be maintained.
Note 2- Measured at 135MHz, 3.6 VDC, 0oC, 20 pF, with 75
Ω Termination
Note 3- Measured at 135MHz, 3.6 VDC, 0oC, 20 pF, Unterminated
Analog Input (HSYNC)
Input High Voltage
VIH
1.7
5.5
V
Input Low Voltage
VIL
VSS - 0.3
1.1
V
Digital Inputs (SDA, SCL, EXTFB, OSC, I2CADDR)
Input High Voltage
VIH
25.5
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input Hysteresis
-
0.2
0.6
V
POR Threshold
-
VSS
1.8
V
Voltage that resets
register values
SDA Digital Output
SDA Output Low Voltage
VOL
0.4
V
IOUT = 3ma
SDA Output High Voltage
VOH
6.0
V
Determined by
external Rset
resistor
PECL Outputs (CLK+, CLK-, CLK/2+, CLK/2-)
Output High Voltage
VOH
-VDD
V
IOUT=0
Maximum Output Frequency
FP MAX
-
250
MHz
VDDD = 3.3 V
Output Low Voltage *
VOL
1.0
-
V
IOUT =
Programmed Value
1
Duty Cycle
PDC
45
55
%
2
Transition Time - Rise
TPR
-1.0
ns
2
Transition Time - Fall
TPF
-1.2
ns
2
SSTL_3 Outputs (CLK, CLK/2, FUNC, LOCK/REF)
Output Resistance
RO
-80
Ω
1 V < VO < 2 V
Maximum Output Frequency
Fs MAX
-
150
MHz
VDDD = 3.3 V
Duty Cycle
SDC
45
55
%
3
Clock and FUNC
Transition Time - Rise
TCR
-1.6
ns
3
Clock and FUNC
Transition Time - Fall
TCF
-1.0
ns
3
LOCK/REF Transition Time -
Rise
TLR
-3.0
ns
3
LOCK/REF Transition Time - Fall
TLF
-2.0
ns
3
Parameter
Symbol
Min.
Max.
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com