Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS2008BY-10 Datasheet(PDF) 20 Page - Integrated Circuit Systems

Part # ICS2008BY-10
Description  SMPTE Time Code Receiver/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2008BY-10 Datasheet(HTML) 20 Page - Integrated Circuit Systems

Back Button ICS2008BY-10 Datasheet HTML 13Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 14Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 15Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 16Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 17Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 18Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 19Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 20Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 21Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
ICS2008B
20
ICS2008B Rev D 4/05/05
Document Revision History
Rev A (First Release)
Started with ICS2008A Rev D Source Document
General cleanup for readability.
Rev B
Correct C2 pin number in Pin Description (pg 3)
Call out tieing LFC pin high in Pin Description (pg 3)
Added Document Revision History. (pg 20)
Added Corporate Contact Information (pg 21)
Rev C
Added information to PLCC and TQFP Package Diagrams (page 18 & 19)
Edited Feature list for clairity (page 1)
Updated Ordering Information for Lead Free packages (page 20)
Rev D
Revised PLCC and TQFP Package Diagrams and dimensions (page 18 & 19)
Ordering Information
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pe
g
a
k
c
a
P
g
n
i
p
p
i
h
S
V
B
8
0
0
2
S
C
IV
B
8
0
0
2C
C
L
P
n
i
P
4
4s
e
b
u
T
0
1
-
Y
B
8
0
0
2
S
C
I0
1
-
Y
B
8
0
0
2P
F
Q
T
n
i
P
4
4s
e
b
u
T
F
L
0
1
-
Y
B
8
0
0
2
S
C
IF
L
0
1
-
Y
B
8
0
0
2
P
F
Q
T
n
i
P
4
4
e
e
r
F
d
a
e
L
s
e
b
u
T
B
E
8
0
0
2
S
C
IV
B
8
0
0
2C
C
L
P
n
i
P
4
4B
C
P
n
o
i
t
a
u
l
a
v
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com