Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF280F Datasheet(PDF) 53 Page - ATMEL Corporation

Part # ATF280F
Description  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button ATF280F_14 Datasheet HTML 49Page - ATMEL Corporation ATF280F_14 Datasheet HTML 50Page - ATMEL Corporation ATF280F_14 Datasheet HTML 51Page - ATMEL Corporation ATF280F_14 Datasheet HTML 52Page - ATMEL Corporation ATF280F_14 Datasheet HTML 53Page - ATMEL Corporation ATF280F_14 Datasheet HTML 54Page - ATMEL Corporation ATF280F_14 Datasheet HTML 55Page - ATMEL Corporation ATF280F_14 Datasheet HTML 56Page - ATMEL Corporation ATF280F_14 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
53
Figure 5-21. ATF280F Configuration Download Link
User I/O
FPGA Core
Configuration
SRAM
POR
Configuration
control
Boundary
Scan
Controller
LVDS
Interface
Differential
Clocks
Configuration
Self Internal
Checker
Configuration
Load Checker
EEPROM Core
Memory Controller
Parallel
Interface
POR
TWI
Interface
Parallel EEPROM
ATF280
Checksum
Two kinds of errors are managed during the configuration:
• Low Level Errors
Such protection is used to warranty that the communication protocol on the FPGA serial communication link is
correctly handled all along the configuration process. In addition, the low level error management ensures that
no erroneous access to the FPGA configuration SRAM will be attempted.
When detected, the low level results in “Aborting Download”. This means that all the steps from a configuration
download are not performed. The consequence is that the bitstream is partially loaded and can result in an
unoperating FPGA,
• Checksum Errors
This protection is used at the end of the configuration download to verify that there were no corruptions of the
data stream during the transfer.
When detected, the checksum error results in “Finishing download”. This means that all the steps from a
nominal configuration download are executed until entering in Run lifephase.
The error detection mechanism follows the flow chart presented here after.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com