Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS2572 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS2572
Description  User-Programmable Dual High-Performance Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2572 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS2572 Datasheet HTML 1Page - Integrated Circuit Systems ICS2572 Datasheet HTML 2Page - Integrated Circuit Systems ICS2572 Datasheet HTML 3Page - Integrated Circuit Systems ICS2572 Datasheet HTML 4Page - Integrated Circuit Systems ICS2572 Datasheet HTML 5Page - Integrated Circuit Systems ICS2572 Datasheet HTML 6Page - Integrated Circuit Systems ICS2572 Datasheet HTML 7Page - Integrated Circuit Systems ICS2572 Datasheet HTML 8Page - Integrated Circuit Systems ICS2572 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Configuration
XTAL1
1
20
VDD
XTAL2
2
19
CLK+
XTFREQ
3
18
CLK-
FS0
4
17
VSS
FS1
5
16
LOAD
STROBE
6
15
VAA
FS2
7
14
VSS
FS3
8
13
VDD
MS0
9
12
MCLK
VSS
10
11
MS1
Pin Descriptions
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
XTAL1
A
Quartz crystal connection 1/Reference Frequency Input.
2
XTAL2
A
Quartz crystal connection 2.
3
EXTFREQ
I
External Frequency Input
4
FS0
I
VCLK PLL Frequency Select LSB.
5
FS1
I
VCLK PLL Frequency Select Bit.
7
FS2
I
VCLK PLL Frequency Select Bit.
8
FS3
I
VCLK PLL Frequency Select MSB.
6
STROBE
I
Control for Latch of VCLK Select Bits (FS0-FS3).
9
MS0
I
MCLK PLL Frequency Select LSB.
11
MS1
I
MCLK PLL Frequency Select MSB.
19
CLK+
O
Pixel Clock Output (not inverted)
18
CLK-
O
Pixel Clock Output (inverted)
16
LOAD
O
Divided Dotclock (/4, 5, or 8)
12
MCLK
O
MCLK Frequency Output
17
RESERVED
-
Must Be Connected to VSS.
10, 14
VSS
P
Device Ground. All pins must be connected.
13, 20
VDD
P
Output Stage Vdd. All pins must be connected.
15
VAA
P
Synthesizer Vdd.
20-Pin DIP or SOIC
J-4, J-7
ICS2572
E-96



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com