Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STOD02
Description  Dual DC-DC converter for powering AMOLED display
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD02 Datasheet(HTML) 1 Page - STMicroelectronics

  STOD02 Datasheet HTML 1Page - STMicroelectronics STOD02 Datasheet HTML 2Page - STMicroelectronics STOD02 Datasheet HTML 3Page - STMicroelectronics STOD02 Datasheet HTML 4Page - STMicroelectronics STOD02 Datasheet HTML 5Page - STMicroelectronics STOD02 Datasheet HTML 6Page - STMicroelectronics STOD02 Datasheet HTML 7Page - STMicroelectronics STOD02 Datasheet HTML 8Page - STMicroelectronics STOD02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
June 2009
Doc ID 15245 Rev 3
1/23
23
STOD02
Dual DC-DC converter for powering AMOLED display
Features
Step-up and inverter converters
Operating input voltage range from
2.5 V to 4.5 V
Synchronous rectification for both DC-DC
converters
150 mA maximum output current
4.6 V fixed positive output voltage
Programmable negative voltage by S-wire from
- 2.3 V to - 5.9 V
Typical efficiency: 85 %
Pulse skipping mode in light load condition
(IO < 10 mA)
1.6 MHz PWM mode control switching
frequency (IO > 10 mA)
Enable pin for shutdown mode
Low quiescent current: < 1 µA in shutdown
mode
Soft-start with inrush current protection
Over temperature protection
Temperature range: -40 °C to 85 °C
True shutdown mode
Fast outputs discharge circuit after shutdown
Package: DFN 12 leads - (3 x 3 mm)
Applications
Active matrix organic LED power supply
(AMOLED)
Mobile phones
PDAs
Camcorders and digital still cameras
Description
The STOD02 is a dual DC-DC converter meant to
power AMOLED displays. It integrates a step up
and an inverting DC-DC converter making it
particularly suitable for battery operated products,
where the major concern is the overall system
efficiency. STOD02 works in pulse skipping mode
during low load condition and in PWM-mode (at
1.6 MHz) for medium/high load condition. The
high frequency allows reducing the value and
number of external components just to 6
components needed. The enable pin allows
turning off the device so reducing the current
consumption to less that 1 µA. The negative
output voltage can be programmed by an MCU
through a dedicated pin which implements single-
wire protocol. Soft-start with controlled inrush
current limit and thermal shutdown are integrated
functions of the device.
DFN12L (3 x 3 mm)
Table 1.
Device summary
Order code
Package
Packaging
STOD02PUR
DFN12L (3 x 3 x 0.8 mm)
3000 parts per reel
STOD02TPUR
DFN12L (3 x 3 x 0.6 mm)
3000 parts per reel
www.st.com


Similar Part No. - STOD02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
More results

Similar Description - STOD02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
UM0613 STMICROELECTRONICS-UM0613 Datasheet
457Kb / 11P
Dual DC-DC converter for powering an AMOLED display
30-Nov-2010
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD14 STMICROELECTRONICS-STOD14 Datasheet
699Kb / 22P
700 mA dual DC-DC converter for powering AMOLED displays
16-Aug-2012
STOD30 STMICROELECTRONICS-STOD30 Datasheet
239Kb / 8P
300 mA triple DC-DC converter for powering AMOLED display
07-Jan-2014
STOD32A STMICROELECTRONICS-STOD32A Datasheet
276Kb / 9P
300 mA triple DC-DC converter for powering AMOLED displays
16-Jul-2014
STOD32W STMICROELECTRONICS-STOD32W Datasheet
245Kb / 7P
100 mA triple DC-DC converter for powering AMOLED displays
04-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com