Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS580-01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS580-01
Description  Glitch-Free Clock Multiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS580-01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS580-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS580-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS580-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS580-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS580-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS580-01 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ICS580-01
Glitch-Free Clock Multiplexer
MDS 580-01 A
5
Revision 030300
Printed 11/28/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Ambient Operating Temperature, I version
Industrial temperature
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDDC = VDDI = 3.3 V unless noted)
DC CHARACTERISTICS (VDDC = VDDI = 3.3 V unless noted)
DC CHARACTERISTICS (VDDC = VDDI = 3.3 V unless noted)
Operating Voltage, VDDC
2.5
5.5
V
Operating Voltage, VDDI
VDDC
5.5
V
Input High Voltage, VIH, note 3
INA and INB only
(VDDC/2)+1 VDDC/2
VDDI
V
Input Low Voltage, VIL, note 3
INA and INB only
VDDC/2
(VDDC/2)-1
V
Input High Voltage, VIH
Non-clock inputs
2
VDDC
V
Input Low Voltage, VIL
Non-clock inputs
0.8
V
Output High Voltage, VOH
IOH=-12mA
VDDC-0.5
V
Output Low Voltage, VOL
IOL=12mA
0.5
V
Operating Supply Current, IDD
50 MHz inputs, no load
6
mA
Short Circuit Current
±70
mA
On-chip pull-up resistor, non-clock inputs
Pull-up to VDDC
250
k
Ω
Input Capacitance
4
pF
AC CHARACTERISTICS (VDDC = VDDI = 3.3 V unless noted)
AC CHARACTERISTICS (VDDC = VDDI = 3.3 V unless noted)
AC CHARACTERISTICS (VDDC = VDDI = 3.3 V unless noted)
Input Frequency, INA and INB. Note 1.
VDDC = 5 V
1/timeout
270
MHz
VDDC = 3.3 V
1/timeout
220
MHz
VDDC = 2.7 V
1/timeout
180
MHz
Propagation Delay, INA or INB to output
VDDC = 5 V
4
8
ns
VDDC = 3.3 V
5
10
ns
VDDC = 2.7 V
6
12
ns
Transition Detector Timeout, DIV=0
VDDI = 5 V
175
350
700
ns
VDDI = 3.3 V
500
1000
2000
ns
VDDI = 2.7 V
750
1500
3000
ns
Transition Detector Timeout, DIV=1
VDDI = 5 V
20
40
80
ns
VDDI = 3.3 V
55
110
210
ns
VDDI = 2.7 V
100
200
400
ns
Output Clock Rise Time
1.5
ns
Output Clock Fall Time
1.5
ns
Output Clock Skew, CLK1 to CLK2
Note 2
-250
0
250
ps
Electrical Specifications
Note 1. Frequencies less than the minimum may cause a timeout, which will not guarantee glitch-free switching unless the clock is
actually stopped.
Note 2. Assumes identically loaded outputs with identical rise times, measured at VDD/2.
Note 3. Output duty cycle is set by duty cycle of input clock at VDDC/2.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com