Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG381AMIL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG381AMIL
Description  CMOS Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG381AMIL Datasheet(HTML) 3 Page - Vishay Siliconix

  DG381AMIL Datasheet HTML 1Page - Vishay Siliconix DG381AMIL Datasheet HTML 2Page - Vishay Siliconix DG381AMIL Datasheet HTML 3Page - Vishay Siliconix DG381AMIL Datasheet HTML 4Page - Vishay Siliconix DG381AMIL Datasheet HTML 5Page - Vishay Siliconix DG381AMIL Datasheet HTML 6Page - Vishay Siliconix DG381AMIL Datasheet HTML 7Page - Vishay Siliconix DG381AMIL Datasheet HTML 8Page - Vishay Siliconix DG381AMIL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DG381A_MIL/390A_MIL
Vishay Siliconix
Document Number: 71401
S-02967—Rev. A, 22-Jan-01
www.vishay.com
3
SPECIFICATIONSa
Test Conditions Unless Specified
Limits
–55 to 125
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V
VIN = 0.8 V or 4 Vf
Tempb
Mind
Typc
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–15
15
V
Drain-Source
On-Resistance
rDS(on)
VD = "10 V, IS = –10 mA
Room
Full
30
50
75
W
Source Off
Leakage Current
IS(off)
VS = "14 V, VD = #14 V
Room
Hot
–1
–100
"0.1
1
100
Drain Off
Leakage Current
ID(off)
VS = "14 V, VD = #14 V
Room
Hot
–1
–100
"0.1
1
100
nA
Drain On
Leakage Current
ID(on)
VD = VS = "14 V
Room
Hot
–11
–100
"0.1
1
100
Digital Control
Input Current with
VIN = 5 V
Room
Full
–1
–1
–0.001
Input Current with
Input Voltage High
IINH
VIN = 15 V
Room
Full
0.001
1
1
mA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Room
Full
–1
–1
–0.001
Dynamic Characteristics
Turn-On Time
tON
Room
150
300
Turn-Off Time
tOFF
See Figure 2
Room
130
250
ns
Break-Before-Make Time
tOPEN
See Figure 3
Room
50
Charge Injection
Q
CL = 0.01 mF, Rgen = 0 W Vgen = 0 V
Room
10
pC
Source-Off Capacitance
CS(off)
Room
14
Drain-Off Capacitance
CD(off)
f = 1 MHz; VS, VD = 0 V
Room
14
Channel-On Capacitance
CD(on)
S
D
Room
40
pF
VIN = 0 V
Room
6
Input Capacitance
CIN
f = 1 MHz
VIN = 15 V
Room
7
Off-Isolation
OIRR
W
Room
62
Crosstalk
(Channel-to-Channel)
XTALK
VIN = 0 V, RL = 1 kW
VS = 1 Vrms, f = 500 kHz
Room
74
dB
Power Supplies
Positive Supply Current
I+
VIN = 4 V (One Input)
Room
Full
0.23
0.5
1.0
mA
Negative Supply Current
I–
VIN = 4 V (One Input)
(All Others = 0)
Room
Full
–10
–100
–0.001
Positive Supply Current
I+
Room
Full
0.001
10
100
mA
Negative Supply Current
I–
VIN = 0.8 V (All Inputs)
Room
Full
–10
–100
–0.001
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com