Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3B39 Datasheet(PDF) 3 Page - Analog Devices

Part # 3B39
Description  Isolated Process Current Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B39 Datasheet(HTML) 3 Page - Analog Devices

  3B39 Datasheet HTML 1Page - Analog Devices 3B39 Datasheet HTML 2Page - Analog Devices 3B39 Datasheet HTML 3Page - Analog Devices 3B39 Datasheet HTML 4Page - Analog Devices 3B39 Datasheet HTML 5Page - Analog Devices 3B39 Datasheet HTML 6Page - Analog Devices 3B39 Datasheet HTML 7Page - Analog Devices 3B39 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3B39
Rev. 0 | Page 3 of 8
3B39 Specifications
(typical @ +25°C and ±15 V dc, and +24 V dc Power)
Description
Model 3B39
Input Voltage Standard Ranges1
0 V to +10 V or -10 V to +10 V
Input,
Without Damage
-20 V to +20 V, maximum
Input Resistance
10 k
Ω
Output Ranges
Standard Ranges (RL = 0 to 850Ω)
4 mA to 20 mA or 0 mA to 20 mA
Custom Ranges
Not Available
Accuracy2
Initial @ +25°C
±0.1% Span + CJC Sensor Error
Nonlinearity
±0.01% Span
Stability vs. Temperature
Current Output
Zero
±25 ppm of Span/°C
Span
±25 ppm of Reading/°C
Zero and Span Adjustment Range
±5% of Span
Noise
Input, 0.1 Hz to 10 Hz Bandwidth
0.2 µV rms
Output, 100 kHz Bandwidth
50 µV rms
Bandwidth, -3 dB
3 Hz
Output Rise Time, 10% to 90% Span
2 ms
Common-Mode Voltage (CMV)
Input-to-Output, Continuous
±1500 V peak, maximum
Transient
ANSI/IEEE C37.90.1-1989
Common Mode Rejection (CMR)
1 k
Ω Source Imbalance, 50/60 Hz
90 dB
Output Protection
Continuous, Normal Mode
220 V rms, maximum
Transient
ANSI/IEEE C37.90.1-1989
Power Supply Voltages 3
±15 V dc Supplies
Rated Operation
±(11.5 V dc to 16.5 V dc)
Current
±10 mA
Sensitivity
±0.01% span/V
+24 V dc Loop Supply
Rated Operation
+12 V dc to +30 V dc
Current
+27 mA @ lout = 20 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com