Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650R-12 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS650R-12
Description  MPEG Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650R-12 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS650R-12 Datasheet HTML 1Page - Integrated Circuit Systems ICS650R-12 Datasheet HTML 2Page - Integrated Circuit Systems ICS650R-12 Datasheet HTML 3Page - Integrated Circuit Systems ICS650R-12 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICS650-12
MPEG Clock Synthesizer
MDS 650-12 A
2
Revision 113000
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
Pin #
Name
Type
Description
1
PS2
I
Processor Clock Select Pin 2. See above table.
2
X2
XO
Crystal connection to a 27.0 MHz crystal or leave unconnected for clock input
3
X1
XI
Crystal connection. Connect to a 27.0 MHz fundamental mode crystal or clock input.
4, 16
VDD
P
Connect to +3.3 V or +5.0 V.
5
CS1
I
Communications Clock Select Pin 1. See above table.
6, 14
GND
P
Connect to ground.
7
ACLK
O
Audio Clock Output. See above table.
8
PCLK1
O
Processor Clock Output 1. See above table.
9
CS0
I
Communications Clock Select 0. See above table.
10
AS2
I
Audio Clock Select Pin 2. See above table.
11
AS0
I
Audio Clock Select Pin 0. See above table.
12
27M
O
27 MHz buffered clock output.
13
13.5M
O
13.5 MHz clock output.
15
AS1
I
Audio Clock Select Pin 1. See above table.
17
PCLK2
O
Processor Clock Output 2. See above table.
18
CCLK
O
Communications Clock Output. See above table.
19
PS0
I
Processor Clock Select Pin 0. See above table.
20
PS1
I
Prcoessor Clock Select Pin 1. See above table.
Pin Descriptions
Key: I = Input with internal pull-up; O = output; P = power supply connection; XI, XO = crystal
connections
1
16
2
3
4
15
14
13
VDD
ACLK
X2
VDD
20 pin SSOP (QSOP)
5
6
7
8
12
11
10
9
AS2
PS0
X1
PS2
CCLK
PS1
PCLK2
27M
AS0
CS0
PCLK1
18
17
19
20
GND
CS1
13.5M
GND
AS1
Pin Assignment
PCLK1 and PCLK2 Select Table (in MHz)
CCLK Select Table (in MHz)
CS1 CS0
CCLK
0
0
All off*
0
1
20.00
1
0
66.6666
1
1
24.576
ACLK Select Table (in MHz)
AS2
AS1
AS0
ACLK
0
0
0
12.288
0
0
1
11.2896
0
1
0
8.192
0
1
1
24.576
1
0
0
8.192
1
0
1
16.9344
1
1
0
18.432
1
1
1
11.2896
PS2
PS1
PS0
PCLK1
PCLK2
0
0
0
108.00
54.00
0
0
1
55.00
27.5
0
1
0
66.67
33.33
0
1
1
80.00
40.00
1
0
0
54.00
27.00
1
0
1
81.00
40.5
1
1
0
50.00
25.00
1
1
1
60.00
30.00
*Note: Entire chip powers
down (outputs stop low)
when CS1 = CS0 = 0.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com