Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650R-21 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS650R-21
Description  System Peripheral Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650R-21 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS650R-21 Datasheet HTML 1Page - Integrated Circuit Systems ICS650R-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS650R-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS650R-21 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICS650-21
System Peripheral Clock Source
MDS 650-21 A
2
Revision 010301
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Pin #
Name
Type
Description
1
USEL
I
UCLK Select pin. Determines frequency of USB clock per table above.
2
X2
XO
Crystal connection. Connect to parallel mode 25 MHz crystal. Leave open for clock.
3
X1/ICLK
XI
Crystal connection. Connect to parallel mode 25 MHz crystal, or clock.
4
VDD
P
Connect to VDD. Must be same value as other VDD. Decouple with pin 6.
5
VDD
P
Connect to VDD. Must be same value as other VDD.
6
GND
P
Connect to ground.
7
UCLK
O
USB clock output per table above.
8
20M
O
Fixed 20 MHz output for Ethernet.
9
ACLK
O
AC97 Audio clock output per table above.
10
25M
O
Fixed 25 MHz reference output for Fast Ethernet.
11
OE
I
Output Enable. Tri-states all outputs when low.
12
PCLK1
O
PCLK output number 1 per table above.
13
OFF/14.318M
O
14.31818 MHz clock output only when ASEL=VDD.
14
GND
P
Connect to ground.
15
ASEL
I
ACLK Select pin. Determines frequency of Audio clock per table above.
16
VDD
P
Connect to VDD. Must be same value as other VDD. Decouple with pin 14.
17
PCLK3
O
PCLK output number 3 per table above.
18
PCLK2
O
PCLK output number 2 per table above.
19
PSEL0
I
Processor Select pin #0. Determines frequencies on PCLKs 1-3 per table above.
20
PSEL1
I
Processor Select pin #1. Determines frequencies on PCLKs 1-3 per table above.
Pin Descriptions
Key: I = Input; XO/XI = crystal connections; O = output; P = power supply connection
1
16
2
3
4
15
14
13
VDD
UCLK
X2
VDD
20 pin (150 mil) SSOP
5
6
7
8
12
11
10
9
25M
PSEL0
X1/ICLK
USEL
PCLK2
PSEL1
PCLK3
PCLK1
OE
ACLK
20M
18
17
19
20
GND
VDD
OFF/14.318M
GND
ASEL
Processor Clock (MHz)
ASEL
ACLK
0
49.152
M
24.576
1
14.318
USEL
UCLK
0
12
M
24
1
48
Audio Clock (MHz)
USB Clock (MHz)
0 = connect directly to ground, 1 = connect directly
to VDD, M=leave unconnected (floating)
Pin Assignment
PSEL1
PSEL0
PCLK1
PCLK2,3
0
0
25.00
50.00
0
M
37.5
75.00
0
1
66.66
133.33
M
0
40.00
80.00
M
M
33.3334
66.6667
M
1
20.00
40.00
1
0
20.00
33.3334
1
M
20.00
66.6667
1
1
50
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com