Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9155-02N24L Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9155-02N24L
Description  Low Cost 20-Pin Frequency Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9155-02N24L Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS9155-02N24L Datasheet HTML 3Page - Integrated Circuit Systems ICS9155-02N24L Datasheet HTML 4Page - Integrated Circuit Systems ICS9155-02N24L Datasheet HTML 5Page - Integrated Circuit Systems ICS9155-02N24L Datasheet HTML 6Page - Integrated Circuit Systems ICS9155-02N24L Datasheet HTML 7Page - Integrated Circuit Systems ICS9155-02N24L Datasheet HTML 8Page - Integrated Circuit Systems ICS9155-02N24L Datasheet HTML 9Page - Integrated Circuit Systems ICS9155-02N24L Datasheet HTML 10Page - Integrated Circuit Systems ICS9155-02N24L Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
AV9155
AV9155-01 and AV9155-02
CLOCK#2 CPU and 2XCPU
PERIPHERAL CLOCKS
Actual Output Frequencies
(Using 14.318 MHz input. All frequencies in MHz.)
AV9155-23
CPUCLOCK
PERIPHERAL CLOCKS
AV9155-36
CPUCLOCK
PERIPHERAL CLOCKS
FS2
(Pin 11)
FS1
(Pin 19)
FS0
(Pin 20)
2XCPU
(Pin 17)
CPU
(Pin 18)
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
7.50
15.51
32.22
40.09
50.11
66.82
80.18*
100.23*
3.75
7.76
16.11
20.05
25.06
33.41
40.09*
50.11*
FS2
(Pin 11)
FS1
(Pin 19)
FS0
(Pin 20)
2XCPU
(Pin 17)
CPU
(Pin 18)
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
8.054
16.002
59.875
39.886
50.113
66.476
80.181*
100.226*
4.027
8.001
29.936
19.943
25.057
33.238
40.091*
50.113*
COMMCLK
(Pin 1)
BUSCLK
(Pin 7)
FDCLK
(Pin 6)
KBCLK
(Pin 8)
40.00
15.00
24.00
12.00
FS2
(Pin 11)
FS1
(Pin 19)
FS0
(Pin 20)
2XCPU
(Pin 17)
CPU
(Pin 18)
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
75.170*
31.940
60.136
40.090
50.113
66.476
80.181*
51.903*
37.585*
15.970
30.068
20.045
25.057
33.238
40.091*
25.952*
COMMCLK
(Pin 1)
BUSCLK (Pin
6)
FDCLK
(Pin 7)
KBCLK
(Pin 8)
1.846
32.01 or 16.00
24.00
12.00
COMMCLK
(Pin 1)
BUSCLK
(Pin 6)
FDCLK
(Pin 7)
KBCLK
(Pin 8)
1.846
16.00
24.00
12.00
*5V only.
*5V only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com