Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS672-01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS672-01
Description  QuadraClock??Quadrature Delay Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS672-01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS672-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ICS672-01/02
QuadraClock™ Quadrature Delay Buffer
MDS 672-01/02 C
5
Revision 112200
Integrated Circuit Systems, Inc.• 525 Race Street • San Jose •CA•95126• (408) 295-9800 tel • www.icst.com
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Ordering Information
Part/Order Number
Marking
Shipping packaging
Package
Temperature
ICS672M-01
ICS672M-01
tubes
16 pin SOIC
0 to 70 °C
ICS672M-01T
ICS672M-01
tape and reel
16 pin SOIC
0 to 70 °C
ICS672M-02
ICS672M-02
tubes
16 pin SOIC
0 to 70 °C
ICS672M-02T
ICS672M-02
tape and reel
16 pin SOIC
0 to 70 °C
ICS672M-02I
ICS672M-02I
tubes
16 pin SOIC
-40 to 85 °C
ICS672M-02IT
ICS672M-02I
tape and reel
16 pin SOIC
-40 to 85 °C
16 pin SOIC narrow
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.0532
0.0688
1.35
1.75
A1
0.0040
0.0098
0.10
0.24
B
0.0130
0.0200
0.33
0.51
C
0.0075
0.0098
0.19
0.24
D
0.3859
0.3937
9.80
10.00
E
0.1497
0.1574
3.80
4.00
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
H
0.2284
0.2440
5.80
6.20
h
0.0099
0.0195
0.25
0.50
L
0.0160
0.0500
0.41
1.27
B
D
E
H
e
A1
C
A
h x 45°
L
INDEX
AREA
1
2
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com